Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R01M Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 53Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 54Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 55Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 56Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 57Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 58Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 60Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
CALL addr
Subroutine call
Description
Unconditionally calls a subroutine at the specified address. The Program Counter then in-
crements by 1 to obtain the address of the next instruction which is then pushed onto the
stack. The specified address is then loaded and the program continues execution from this
new address. As this instruction requires an additional operation, it is a two cycle instruc-
tion.
Operation
Stack
¬ Program Counter + 1
Program Counter
¬ addr
Affected flag(s)
None
CLR [m]
Clear Data Memory
Description
Each bit of the specified Data Memory is cleared to 0.
Operation
[m]
¬ 00H
Affected flag(s)
None
CLR [m].i
Clear bit of Data Memory
Description
Bit i of the specified Data Memory is cleared to 0.
Operation
[m].i
¬ 0
Affected flag(s)
None
CLR WDT
Clear Watchdog Timer
Description
The TO, PDF flags and the WDT are all cleared.
Operation
WDT cleared
TO
¬ 0
PDF
¬ 0
Affected flag(s)
TO, PDF
CLR WDT1
Pre-clear Watchdog Timer
Description
The TO, PDF flags and the WDT are all cleared. Note that this instruction works in conjunc-
tion with CLR WDT2 and must be executed alternately with CLR WDT2 to have effect. Re-
petitively executing this instruction without alternately executing CLR WDT2 will have no
effect.
Operation
WDT cleared
TO
¬ 0
PDF
¬ 0
Affected flag(s)
TO, PDF
CLR WDT2
Pre-clear Watchdog Timer
Description
The TO, PDF flags and the WDT are all cleared. Note that this instruction works in conjunc-
tion with CLR WDT1 and must be executed alternately with CLR WDT1 to have effect. Re-
petitively executing this instruction without alternately executing CLR WDT1 will have no
effect.
Operation
WDT cleared
TO
¬ 0
PDF
¬ 0
Affected flag(s)
TO, PDF
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
57
December 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com