Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R01M Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 60Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 61Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 62Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 63Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 64Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 65Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 66Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
SIZ [m]
Skip if increment Data Memory is 0
Description
The contents of the specified Data Memory are first incremented by 1. If the result is 0, the
following instruction is skipped. As this requires the insertion of a dummy instruction while
the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the program
proceeds with the following instruction.
Operation
[m]
¬ [m]+1
Skip if [m] = 0
Affected flag(s)
None
SIZA [m]
Skip if increment Data Memory is zero with result in ACC
Description
The contents of the specified Data Memory are first incremented by 1. If the result is 0, the
following instruction is skipped. The result is stored in the Accumulator but the specified
Data Memory contents remain unchanged. As this requires the insertion of a dummy in-
struction while the next instruction is fetched, it is a two cycle instruction. If the result is not
0 the program proceeds with the following instruction.
Operation
ACC
¬ [m]+1
Skip if ACC = 0
Affected flag(s)
None
SNZ [m].i
Skip if bit i of Data Memory is not 0
Description
If bit i of the specified Data Memory is not 0, the following instruction is skipped. As this re-
quires the insertion of a dummy instruction while the next instruction is fetched, it is a two
cycle instruction. If the result is 0 the program proceeds with the following instruction.
Operation
Skip if [m].i
¹ 0
Affected flag(s)
None
SUB A,[m]
Subtract Data Memory from ACC
Description
The specified Data Memory is subtracted from the contents of the Accumulator. The result
is stored in the Accumulator. Note that if the result of subtraction is negative, the C flag will
be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1.
Operation
ACC
¬ ACC - [m]
Affected flag(s)
OV, Z, AC, C
SUBM A,[m]
Subtract Data Memory from ACC with result in Data Memory
Description
The specified Data Memory is subtracted from the contents of the Accumulator. The result
is stored in the Data Memory. Note that if the result of subtraction is negative, the C flag will
be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1.
Operation
[m]
¬ ACC - [m]
Affected flag(s)
OV, Z, AC, C
SUB A,x
Subtract immediate data from ACC
Description
The immediate data specified by the code is subtracted from the contents of the Accumu-
lator. The result is stored in the Accumulator. Note that if the result of subtraction is nega-
tive, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will
be set to 1.
Operation
ACC
¬ ACC - x
Affected flag(s)
OV, Z, AC, C
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
63
December 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com