Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F20 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 84Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 85Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 86Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 87Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev.1.10
84
February 1, 2010
Compact Type TM Register Description
Overall operation of the Compact TM is controlled using six registers. A read only register pair exists to store the inter-
nal counter 10-bit value, while a read/write register pair exists to store the internal 10-bit CCRA value. The remaining
two registers are control registers which setup the different operating and control modes as well as the three CCRP
bits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM0C0
T0PAU
T0CK2
T0CK1
T0CK0
T0ON
T0RP2
T0RP1
T0RP0
TM0C1
T0M1
T0M0
T0IO1
T0IO0
T0OC
T0POL
T0DPX
T0CCLR
TM0DL
D7
D6
D5
D4
D3
D2
D1
D0
TM0DH
¾¾¾¾¾¾
D9
D8
TM0AL
D7
D6
D5
D4
D3
D2
D1
D0
TM0AH
¾¾¾¾¾¾
D9
D8
Compact TM Register List (if CTM is TM0)
· TM0DL Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
RRRRRRRR
POR
00000000
Bit 7~0
TM0DL: TM0 Counter Low Byte Register bit 7 ~ bit 0
TM0 10-bit Counter bit 7 ~ bit 0
· TM0DH Register
Bit
76543210
Name
¾¾¾¾¾¾
D9
D8
R/W
¾¾¾¾¾¾
RR
POR
¾¾¾¾¾¾
00
Bit 7~2
Unimplemented, read as
²0²
Bit 1~0
TM0DH: TM0 Counter High Byte Register bit 1 ~ bit 0
TM0 10-bit Counter bit 9 ~ bit 8
· TM0AL Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
TM0AL: TM0 CCRA Low Byte Register bit 7 ~ bit 0
TM0 10-bit CCRA bit 7 ~ bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com