Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F20 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 232 page
background image
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
SCL
I
2C Clock
PRM0
ST
NMOS
PA7 or PD1 or PD6
SDA
I
2C Data
PRM0
ST
NMOS
PA6 or PD2 or PB7
SCOM0~SCOM3
SCOM0~SCOM3
SCOMC
¾
SCOM
PC0, PC1, PC6, PC7
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
XT1
LXT pin
CO
LXT
¾
PB3
XT2
LXT pin
CO
¾
LXT
PB4
RES
Reset input
CO
ST
¾
PB0
VDD
Power supply
¾
PWR
¾¾
VSS
Ground
¾
PWR
¾¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
SCOM: Software controlled LCD COM; AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
As the Pin Description Summary table applies to the package type with the most pins, not all of the above listed
pins may be present on package types with smaller numbers of pins.
HT68F60
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
PB0~PB7
Port B
PBPU
ST
CMOS
¾
PC0~PC7
Port C
PCPU
ST
CMOS
¾
PD0~PD7
Port D
PDPU
ST
CMOS
¾
PE0~PE7
Port E
PEPU
ST
CMOS
¾
PF0~PF7
Port F
PFPU
ST
CMOS
¾
PG0~PG1
Port G
PGPU
ST
CMOS
¾
C0-, C1-
Comparator 0, 1 input
CP0C
CP1C
AN
¾
PA3, PC3
C0+, C1+
Comparator 0, 1 input
CP0C
CP1C
AN
¾
PA2, PC2
C0X, C1X
Comparator 0, 1 output
CP0C
CP1C
PRM0
¾
CMOS
PA0, PA5 or PF0, PF1 or
PG0, PG1
TCK0~TCK3
TM0~TM3 input
PRM1
ST
¾
PA2, PA4, PC2, PC4 or
PD2, PD3, PD0,
-
TP0_0, TP0_1
TM0 I/O
TMPC0
PRM2
ST
CMOS
PA0, PC5 or PC6, PD5
TP1A
TM1 I/O
TMPC0
PRM2
ST
CMOS
PA1 or PC7
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.10
11
February 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com