Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F40 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
87
February 1, 2010
Compact Type TM
Although the simplest form of the three TM types, the Compact TM type still contains three operating modes, which are
Compare Match Output, Timer/Event Counter and PWM Output modes. The Compact TM can also be controlled with
an external input pin and can drive one or two external output pins. These two external output pins can be the same sig-
nal or the inverse signal.
CTM
Name
TM No.
TM Input Pin
TM Output Pin
HT66F20
10-bit CTM
0
TCK0
TP0_0
HT66F30
10-bit CTM
0
TCK0
TP0_0, TP0_1
HT66F40
10-bit CTM
0
TCK0
TP0_0, TP0_1
HT66F50
10-bit CTM
0, 3
TCK0, TCK3
TP0_0, TP0_1; TP3_0, TP3_1
HT66F60
10-bit CTM
0, 3
TCK0, TCK3
TP0_0, TP0_1; TP3_0, TP3_1
Compact TM Operation
At its core is a 10-bit count-up counter which is driven by a user selectable internal or external clock source. There are
also two internal comparators with the names, Comparator A and Comparator P. These comparators will compare the
value in the counter with CCRP and CCRA registers. The CCRP is three bits wide whose value is compared with the
highest three bits in the counter while the CCRA is the ten bits and therefore compares with all counter bits.
The only way of changing the value of the 10-bit counter using the application program, is to clear the counter by chang-
ing the TnON bit from low to high. The counter will also be cleared automatically by a counter overflow or a compare
match with one of its associated comparators. When these conditions occur, a TM interrupt signal will also usually be
generated. The Compact Type TM can operate in a number of different operational modes, can be driven by different
clock sources including an input pin and can also control an output pin. All operating setup conditions are selected us-
ing relevant internal registers.
C C R P
C C R A
T n C C L R
C o m p a r a t o r P M a t c h
C o m p a r a t o r A M a t c h
T n C K 2 ~ T n C K 0
T n O N
T n P A U
b 7 ~ b 9
3 - b i t C o m p a r a t o r P
T C K n
1 0 - b i t C o m p a r a t o r A
C o u n t e r C l e a r
1 0 - b i t C o u n t - u p C o u n t e r
T n P F I n t e r r u p t
T n A F I n t e r r u p t
T P n P i n
O u t p u t
b 0 ~ b 9
T n M 1 , T n M 0
T n I O 1 , T n I O 0
T n P O L
T n O C
P o l a r i t y
C o n t r o l
O u t p u t
C o n t r o l
T P n _ 0
T P n _ 1
1 1 1
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
f S Y S / 4
f S Y S
f H / 1 6
f H / 6 4
f T B C
R e s e r v e d
0
1
Compact Type TM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com