Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F40 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 246 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ................................................................80mA
IOH Total..............................................................
-80mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
(HXT, ERC, HIRC)
¾
fSYS=8MHz
2.2
¾
5.5
V
fSYS=12MHz
2.7
¾
5.5
V
fSYS=20MHz
4.5
¾
5.5
V
IDD1
Operating Current,
Normal Mode, fSYS=fH
(HXT, ERC, HIRC)
3V
No load, fSYS=fH=4MHz,
ADC off, WDT enable
¾
0.7
1.1
mA
5V
¾
1.8
2.7
mA
3V
No load, fSYS=fH=8MHz,
ADC off, WDT enable
¾
1.6
2.4
mA
5V
¾
3.3
5.0
mA
3V
No load, fSYS=fH=12MHz,
ADC off, WDT enable
¾
2.2
3.3
mA
5V
¾
5.0
7.5
mA
IDD2
Operating Current,
Normal Mode, fSYS=fH
(HXT)
5V
No load, fSYS=fH=20MHz,
ADC off, WDT enable
¾
6.0
9.0
mA
IDD3
Operating Current, Slow Mode,
fSYS=fL (LXT, LIRC)
3V
No load, fSYS=fL, ADC off,
WDT enable
¾
10
20
mA
5V
¾
30
50
mA
IIDLE0
IDLE0 Mode Standby Current
(LXT or LIRC on)
3V
No load, ADC off, WDT
enable
¾
1.5
3.0
mA
5V
¾
3.0
6.0
mA
IIDLE1
IDLE1 Mode Standby Current
(HXT, ERC, HIRC)
3V
No load, ADC off, WDT
enable, fSYS=12MHz on
¾
0.55
0.83
mA
5V
¾
1.30
2.00
mA
ISLEEP0
SLEEP0 Mode Standby Current
(LXT and LIRC off)
3V
No load, ADC off, WDT
disable
¾¾
1
mA
5V
¾¾
2
mA
ISLEEP1
SLEEP1 Mode Standby Current
(LXT or LIRC on)
3V
No load, ADC off, WDT
enable
¾
1.5
3.0
mA
5V
¾
2.5
5.0
mA
VIL1
Input Low Voltage for I/O Ports or
Input Pins except RES pin
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
or Input Pins except RES pin
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
14
February 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com