Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCTDA7088 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCTDA7088
Description  FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA7088 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCTDA7088 Datasheet HTML 1Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 2Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 3Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 4Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 5Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 6Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTCTDA7088
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R110-016,A
PIN CONFIGURATIONS
Fig.2
DC CHARACTERISTICS
Vp=3V,Tamb=25
°C, unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage (pin4)
Vp
1.8
3
5
V
Supply Current (pin4)
Ip
4.2
5.2
6.6
mA
DC voltage on pin1
V1
2.5
2.55
2.6
V
DC voltage on pin3
V3
2.64
2.69
2.74
V
DC voltage on pins 6 and 7
V6,7
2.38
2.44
2.5
V
DC voltage on pin 8
V8
1.6
1.67
1.74
V
DC voltage on pin 9,10 and 13
V9,10,13
2.42
2.47
2.52
V
DC voltage on pins 11 and 12
V11,12
0.91
0.94
0.98
V
DC voltage on pin 15
V15
2.06
2.12
2.18
V
AF output current on pin2
I2
45
60
80
µA
Oscillator current on pin5
I5
275
375
500
µA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MUTE
VOAF
LOOP
VP
OSC
IFFB
CLP1
VOIF
ViIF
CLP2
ViRF
CLIM
ViRF
GND
CAP
TUNE
TDA7088
PIN
SYMBOL
DESCRIPTION
1
MUTE
Mute output
2
VOAF
Audio frequency output signal
3
LOOP
AF loop filter
4
VP
+3V supply voltage
5
OSC
Oscillator resonant circuit
6
IFFB
IF feedback
7
CLP1
Low-pass capacitor of 1 dB amplifier
8
VOIF
IF output to external coupling capacitor (high-
pass)
9
ViLF
IF input to limiter amplifier
10
CLP2
Low-pass capacitor of IF limiter amplifier
11
ViRF
Radio frequency input
12
CiRF
Radio frequency input
13
CLIM
Limiter offset voltage capacitor
14
GND
Ground(0V)
15
CAP
All-pass filter capacitor/input for search tuning
16
TUNE
Electrical tuning/AFC output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com