Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCTDA7088 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCTDA7088
Description  FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA7088 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCTDA7088 Datasheet HTML 1Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 2Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 3Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 4Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 5Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 6Page - Unisonic Technologies UTCTDA7088 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTCTDA7088
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R110-016,A
AC CHARACTERISTICS
Vp=3V,Tamb=25
°C, fiRF=96MHz modulated with fmod=1kHz and +-22.5kHz deviation; Vi=400µV(measured as
EMF,Rs=75
Ω) and measurements taken in Fig.4;unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
RF sensitivity input voltage (RMS
value)
Vi(rms)
VOAF=-3dB;VOAF=0dB at
Vi=1mV;see Fig.3
Mute off
Mute on
3
3
6
6
12
µV
µV
(S+N)/N =26dB
5
10
µV
Signal handling
Vi(rms)
∆f=+-75kHz,THD<10%
100
200
mV
Signal plus noise-to-noise ratio
(S+N)/N
See Fig.3
52
56
dB
Total harmonic distortion
THD
∆f=+-22.5kHz
1
1.4
%
∆f=+-75kHz
2.4
3.3
%
AM suppression
αAM
FM:1kHz,+-75kHz,
AM:1kHz,m=0.8
47
52
dB
Ripple rejection
RR1000
100mV RMS ripple on Vp,f=1kHz
7
10
dB
Audio output signal (RMS value)
Vo(rms)
RL=22k
Ω
60
85
120
mV
Search Tuning (with BB910 and C16=0.1
µF) see Fig.1
Minimum output voltage on pin16
V16
Limiting point
Vp -
1.85
V
Tuning steepness
∆V/∆t
Voltage at pin16
95
210
420
mV/s
Oscillator steepness
∆Fosc/∆t
1.25
2.83
5.6
MHz/s
AFC steepness
∆IAFC/∆V3 Voltage at pin3
4.75
9.5
19
µS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com