Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCTL494 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTL494
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL494 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTL494 Datasheet HTML 1Page - Unisonic Technologies UTCTL494 Datasheet HTML 2Page - Unisonic Technologies UTCTL494 Datasheet HTML 3Page - Unisonic Technologies UTCTL494 Datasheet HTML 4Page - Unisonic Technologies UTCTL494 Datasheet HTML 5Page - Unisonic Technologies UTCTL494 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UTCTL494
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-004,A
VOLTAGE MODE PWM CONTROL
CIRCUIT
DESCRIPTION
The UTC TL494 incorporates all the functions required in
the construction of a pulse-width modulation switching circuit.
Designed primarily for switching power supply control or DC-
DC convectors, it offers the systems engineer the flexibility to
tailor control circuitry to its own application.
FEATURES
*Complete PWM power control circuitry
*Uncommitted outputs for 200 mA sink or source current
*Output control selects single ended or push pull operation
*Internal circuitry prohibits double pulses over total range
*Easy synchronization
DIP-16
SOP-16
ABSOLUTE MAXIMUM RATINGS(Unless otherwise noted all is over operating free air temperature
range)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage(note 1)
V
CC
41
V
Amplifier Input Voltage
V
I
V
CC+0.3
V
Collector Output Voltage
V
O
41
V
Collector Output Current
I
CO
250
mA
Continuous Total Dissipation at(or for below)
25
°C Free Air Temperature(note 2)
P
D
1000
mW
Operating Temperature Range
T
opr
0 TO 70
°C
Storage Temperature Range
T
stg
-65 TO 150
°C
Lead Temperature 1.6mm from Case for 60
Sec.
T
case
300
°C
note 1: All voltage values, except differential voltages are with respect to the network ground terminal.
note 2:For operation above 25
°C free-air temperature, the dissipation derates with 9.2mW/°C.


Similar Part No. - UTCTL494

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTL431A UTC-UTCTL431A Datasheet
158Kb / 5P
LINEAR INTEGRATED CIRCUIT PROGRAMMABLE PRECISION REFERENCE
UTCTL431L UTC-UTCTL431L Datasheet
162Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UTCTL494

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_13 Datasheet
291Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com