Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCTL494 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCTL494
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL494 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCTL494 Datasheet HTML 1Page - Unisonic Technologies UTCTL494 Datasheet HTML 2Page - Unisonic Technologies UTCTL494 Datasheet HTML 3Page - Unisonic Technologies UTCTL494 Datasheet HTML 4Page - Unisonic Technologies UTCTL494 Datasheet HTML 5Page - Unisonic Technologies UTCTL494 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTCTL494
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R103-004,A
BLOCK DIAGRAM
Error
Amplifier
Error
Amplifier
dead time
control
dead time comparator
oscillator
Pulse Steering
Flip-Flop
Input
control
5V reference
regulation
Vref
Vcc
GND
PWM comparator
0.7mA
1
2
3
4
5
6
7
8
9
10
11
14
13
12
15
16
T
Q
Q
Q1
Q2
RT
CT
C1
E1
C2
E2
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
VALUE
UNIT
MIN
MAX
Supply Voltage
Vcc
7
40
V
Amplifier Input Voltage
Vi
-0.3
Vcc-2
V
Collector Output Voltage
Vo
40
V
Collector Output Current(each Transistor)
Ic
200
mA
Current into Feedback
If
0.3
mA
Timing Capacitor
CT
0.47
10000
nF
Timing Resistor
RT
1.8
500
k
Ω
Oscillator Frequency
fosc
1
300
kHz
Operating Free-Air Temperature
Ta
0
70
°C
ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range,VCC=15V,f=1kHz,Unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Section
Output Voltage
Io=1mA
4.75
5
5.25
V
Input
Regulation
Vcc=7V to 40V
2
25
mV
Output Regulation
Io=1 to 10mA
1
15
mV
Output Voltage Change with
Temperature
∆TA=MIN to MAX(note 2)
0.2
1
%
Short-Circuit Output Current
Vref=0
35
mA
Oscillator Section
Frequency
CT=0.01
µF,RT=120kΩ
10
kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com