Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENMOD Datasheet(PDF) 1 Page - Vicor Corporation

Part # ENMOD
Description  ENMods Component Power Front End System for EN Compliance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

ENMOD Datasheet(HTML) 1 Page - Vicor Corporation

  ENMOD Datasheet HTML 1Page - Vicor Corporation ENMOD Datasheet HTML 2Page - Vicor Corporation ENMOD Datasheet HTML 3Page - Vicor Corporation ENMOD Datasheet HTML 4Page - Vicor Corporation ENMOD Datasheet HTML 5Page - Vicor Corporation ENMOD Datasheet HTML 6Page - Vicor Corporation ENMOD Datasheet HTML 7Page - Vicor Corporation ENMOD Datasheet HTML 8Page - Vicor Corporation ENMOD Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ENMods System: FARM3 and MiniHAM
Rev. 1.3
Page 1 of 12
Parameter
Rating
Unit
Notes
L to N voltage (FARM3)
264
Vrms
Continuous
L to N voltage (FARM3)
280
Vrms
100ms
+Out to –Out voltage (FARM3)
400
Vdc
BOK to –Out voltage (FARM3)
16
Vdc
EN to –Out voltage (FARM3)
16
Vdc
Mounting torque
4-6(0.45 -0.68)
in-lbs (N-m)
6 each, 4-40 screw
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Output current
3.5
A
Features
• Harmonic Current Attenuation to
EN61000-3-2
• EMI Filtering to
EN55022, Level B
• Transient Immunity to
EN61000-4-5
• 575W Rated Power Output
• Autoranging 115/230Vac Input
• Microprocessor Control
• Inrush Current Limiting
Product Highlights
The ENMods system is a new AC front end
solution for compliance to electromagnetic
compatibility (EMC) standards. It consists of
the MiniHAM — a passive harmonic
attenuation module and the FARM3 — an
auto ranging AC-DC front end module.
Combined with the filtering and hold-up
capacitors as specified herein, the ENMods
system provides full compliance to:
EN61000-3-2 Harmonic Current
EN55022, Level B Conducted Emissions
EN61000-4-5 Surge Immunity
EN61000-4-11 Line Disturbances
The MiniHAM is the first passive product
specifically designed for compliance to EN
harmonic current limits. Unlike active PFC
solutions, the MiniHAM generates no EMI,
greatly simplifying and reducing system
noise filtering requirements. It is also
considerably smaller and more efficient than
active alternatives and improves MTBF by
an order of magnitude. Optimized for
operation on the DC bus (provided by the
FARM3) rather than directly on the AC line,
it will provide harmonic current compliance
up to 600W of input power at 230Vac.
The 115/230Vac input FARM3 is a new
member of Vicor’s Filter and Autoranging
Module product line that has been optimized
for use as the front end for the MiniHAM.
Both modules are in Vicor’s standard Mini
half-brick package. Together with Vicor’s
1st or 2nd Generation 300V input DC-DC
converters, they form the basis of a low
noise, high efficiency, rugged, simple and
reliable EN compliant power system.
Data Sheet
ENMods
TM
Component Power
Front End System
for EN Compliance
45
Each module:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Absolute Maximum Ratings
Thermal Resistance
Parameter
Typ
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; with thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000 LFM
1.9
°C/Watt
EN1
C
1
1
Product
Type*
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Pin Style
**
1 = Short Pin
2 = Long Pin
S = Short ModuMate
N = Long ModuMate
Product Grade
C = –20°C to +100°C
T = –40°C to +100°C
H = –40°C to +100°C
M = –55°C to +100°C
Part Numbering
*EN1 product includes one each MiniHAM and FARM3 with same product grade, pin and baseplate style.
**Pin styles S & N are compatible with the ModuMate interconnect system for socketing and surface mounting.


Similar Part No. - ENMOD

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
Component Power Front-end System for EN Compliance
More results

Similar Description - ENMOD

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
1000 ~ 3000W Front End Power System
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
Component Power AC Front End Modules
logo
Mean Well Enterprises C...
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
2000~6000W Front End Power System
RCP-1000 MEANWELL-RCP-1000_11 Datasheet
682Kb / 8P
1000 ~ 3000W Front End Power System
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_15 Datasheet
1Mb / 13P
Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com