Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-AI Datasheet(PDF) 1 Page - Vicor Corporation

Part # MI-AI
Description  Military Component Front End Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-AI Datasheet(HTML) 1 Page - Vicor Corporation

  MI-AI Datasheet HTML 1Page - Vicor Corporation MI-AI Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Highlights
The MI-AIM AC input module
interfaces directly with AC mains
to provide line rectification, EMI
filtering, transient protection, and
inrush limiting. These military
front end modules accept 115Vac
and provide 250W of output power
for any of Vicor's MI-x7x family of
standard and junior size modules.
The MI-AIM meets CE102 conducted
emissions requirements of MIL-
STD-461D and the transient and
spike requirements of MIL-STD-704A.
Produced in ISO 9001-registered
facilities, the fully epoxy
encapsulated 2.28" x 2.4" x 0.5"
(57,9 x 61,0 x 12,7mm) modules
meet the environmental test
requirements of MIL-STD-810.
MI - AIM
TM
Military Component Front End Modules
" Inputs: 115Vac; 60/400Hz
" Output power: 250W
" Compatible with MI-x7x
family modules
" MIL-STD-461D EMI compliance
" MIL-STD-810 environments
" MIL-STD-704A
input transient protection
" 95% efficiency
" Operating temperature to 100°C
" Size: 2.28" x 2.4" x 0.5"
(57,9 x 61,0 x 12,7mm)
Specifications
(At TBP = 25°C, unless otherwise specified)
PARAMETER
MIN
TYP
MAX
UNITS
NOTES
Input Characteristics (per MIL-STD-704A)
Steady state input (V)
85
115
140
Vrms
(f)
47
60/400
440
Hz
Transient input
(V)
80
Vrms
0.2 seconds
180
Vrms
5 seconds
(f)
480
Hz
5 seconds
Inrush current
40
A, peak
125Vac
Conducted EMI
CE102 per MIL-STD-461D
100-125Vac; 60Hz
Efficiency
95
%
115Vac; 60/400Hz
Spikes
±50
%
Nominal line voltage, 50µs
Output Characteristics
Power
250
W
100°C
Short circuit protection
no damage
100-125Vac
Ext. capacitance (C1)
1200
µF
See connection diagram
Isolation
Input to output
none
Provided by converter
Input to baseplate
1500
Vrms
Environmental (MIL-STD-810)
Altitude - method 500.2
40,000
feet
Procedure 3
Humidity - method 507.2
86 / 240
% / hours
Procedure 1, cycle 1
Acceleration - method 513.3
9
g's
Procedure 2
Vibration - method 514.3
20
g's
Procedure 1, category 6
Shock - method 516.3
40
g's
Procedure 1
Reliability (MIL-HDBK-217F)
25°C Ground Benign: G.B.
4,699,223
hours
50°C Naval Sheltered: N.S.
1,109,016
hours
65°C Airborne Inhabited Cargo: A.I.C.
916,348
hours
Mechanical Characteristics
Thermal resistance
0.14
°C/W
Baseplate to sink, with thermal pad
Weight
3 (85)
ounces (grams)
Features
MI-AIM 04/03
1 of 2


Similar Part No. - MI-AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MI-AIM VICOR-MI-AIM Datasheet
154Kb / 5P
AC Input Front End Module
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
154Kb / 5P
AC Input Front End Module
MI-AIM-M1 VICOR-MI-AIM-M1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
More results

Similar Description - MI-AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
Component Power AC Front End Modules
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
Component Power Front-end System for EN Compliance
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
VIDEO FRONT-END MODULES
logo
Vicor Corporation
EN1C11 VICOR-EN1C11_15 Datasheet
1Mb / 13P
Component Power Front-end System for EN Compliance
logo
Micross Components
HMC526 MICROSS-HMC526 Datasheet
880Kb / 9P
Military End Use
logo
Analog Devices
HMC532LP4 AD-HMC532LP4 Datasheet
280Kb / 4P
Military End-Use
logo
Vicor Corporation
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
Component Power Front-end System for EN Compliance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com