Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVZ-916TH4 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVZ-916TH4
Description  SUPER FLUX LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVZ-916TH4 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVZ-916TH4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVZ-916TH4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVZ-916TH4 Datasheet HTML 3Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
DESCRIPTION
Dice Material : AlGaInP Yellow
Light Color : Yellow Color
Lens Color : Water Transparent
RADIATION PATTERN
Tolerance ± 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/oC
oC
oC
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
I F = 70mA
V
I R
V R = 5V
A
p
I F = 70mA
n m
d
I F = 70mA
n m
2
1/2
I F = 70mA
Deg
V /
V
cd/lm
R
j-pin
oC/W
BIN GRADE LIMITS ( I F = 70 mA ) Total Flux / lm
Bin
D
E
F
G
H
I
Min.
1.7
2.2
2.8
3.6
4.7
6.0
Max.
2.2
2.8
3.6
4.7
6.0
7.8
Tolerance ± 15%lm
*
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
– A
SUPER FLUX LED
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
*Dominant Wavelength,
d is according to CIE Chromaticity Diagram base on color of the device.
Luminous Intensity / Total Flux
Thermal Resistance
0.7
125
Dominant Wavelength
Viewing Angle
70
592
100
Peak Emission Wavelength
594
Reverse Current
Storage Temperature Range
MAX.
Forward Voltage
2.1
2.7
PARAMETER
TEST COND.
MIN.
TYP.
5
Derating Linear From 50°C
0.9
Operating Temperature Range
PARAMETER
MAX.
Power Dissipation
190
LED Junction Temperature
Soldering Preheat Temperature
Lead Solder Temperature ( 1.5mm Below Seating Plane )
125
100 °C for 30 seconds
260 °C for 5 seconds
BVZ-916TH4
55 to
100
40 to
100
2004/3/25
PACKAGE CONFIGURATION
Continuous Forward Current
70
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
100
Reverse Voltage
2 X R 0.69
0.20
7.62
0.5
0.4
5.08
0.3
1.5
3.0
1.25 X 1.25
ANODE
CATHODE
5.08
0.76
5.0
1.55
4.4
7.62
0.5
0.5
2.5
5.0
0
Viewlng Angle
100
20
40
60
80
-20
-40
-60
-80
75
50
25
0


Similar Part No. - BVZ-916TH4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-916TT4 BVLED-BVZ-916TT4 Datasheet
191Kb / 3P
SUPER FLUX LED
More results

Similar Description - BVZ-916TH4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-37BLCS-XX-X DBLECTRO-BTF-37BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-57BLCS-XX-X DBLECTRO-BTF-57BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
SUPER FLUX LED
BVZ-915QT4 BVLED-BVZ-915QT4 Datasheet
194Kb / 3P
SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
SUPER FLUX LED
BVZ-916QT4 BVLED-BVZ-916QT4 Datasheet
192Kb / 3P
SUPER FLUX LED
BVZ-922QT4 BVLED-BVZ-922QT4 Datasheet
248Kb / 3P
SUPER FLUX LED
BVZ-922TT4 BVLED-BVZ-922TT4 Datasheet
248Kb / 3P
SUPER FLUX LED
logo
List of Unclassifed Man...
QBPP350C-IB ETC1-QBPP350C-IB Datasheet
467Kb / 6P
Super Flux LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com