Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVZ-916TH4 Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVZ-916TH4
Description  SUPER FLUX LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVZ-916TH4 Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVZ-916TH4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVZ-916TH4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVZ-916TH4 Datasheet HTML 3Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
SUPER FLUX PACKING
2004 / 3 / 4 - B
BV
P/N :___________
BIN :______
L/N :________
Q'ty :______ QA :
Side
Gap
Front
48.5
0.97
1.27
BOX
Dimension(cm): 10.5 * 13.5 * 50.5
100 Tubes / Box
Box : 6,000PCS
13.5
10.5
50.5
CARTON
Dimension(cm): 23*30*52
23
52
30
TYPE
Q'TY
N,W
G,W
C.NO
PCS
KGS
KGS
3
RE
Y
ITEM NO.
DEVICE:
Q'TY
PCS.
N. W.:
KGS.
G. W.:
KGS.
Electronics Co.,Ltd.
-
pcs
BVZ-91XXXX
Bright View
LOT NO.:
GRADE:
Q'ty
X-
PART NO.:
QA
X: Bin grade
: Wavelength
: Vf
Tube
Dimension(cm): 1.27* 0.97* 48.5
60PCS / Tube
4 Boxes / Carton
Total : 24,000PCS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com