Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT22M100JCU2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT22M100JCU2
Description  ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT22M100JCU2 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT22M100JCU2 Datasheet HTML 1Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 2Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 3Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 4Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APT22M100JCU2
www.microsemi.com
1- 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
G
S
D
K
ISOTOP
®
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
22
ID
Continuous Drain Current
Tc = 80°C
17
IDM
Pulsed Drain current
120
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
480
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
463
W
IAR
Avalanche current (repetitive and non repetitive)
16
A
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
•
Brake switch
Features
•
Power MOS 8™ MOSFET
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
• SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
ISOTOP
® Package (SOT-227)
•
Very low stray inductance
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Stable temperature behavior
•
Very rugged
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Easy paralleling due to positive TC of VCEsat
•
RoHS Compliant
ISOTOP
® Boost chopper
MOSFET + SiC chopper diode
Power module
K
D
G
S
VDSS = 1000V
RDSon = 400mΩ typ @ Tj = 25°C
ID = 22A @ Tc = 25°C


Similar Part No. - APT22M100JCU2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT22M100JCU3 MICROSEMI-APT22M100JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
More results

Similar Description - APT22M100JCU2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT17M120JCU2 MICROSEMI-APT17M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT17M120JCU3 MICROSEMI-APT17M120JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT20M120JCU2 MICROSEMI-APT20M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT20M120JCU3 MICROSEMI-APT20M120JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT22M100JCU3 MICROSEMI-APT22M100JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT26M100JCU2 MICROSEMI-APT26M100JCU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT26M100JCU3 MICROSEMI-APT26M100JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT33N90JCCU3 MICROSEMI-APT33N90JCCU3 Datasheet
142Kb / 5P
ISOTOP짰 Buck chopper Super Junction MOSFET SiC chopper diode
APT50M75JLLU3 MICROSEMI-APT50M75JLLU3 Datasheet
488Kb / 8P
ISOTOP짰 Buck chopper MOSFET Power Module
APT58M50JCU2 MICROSEMI-APT58M50JCU2 Datasheet
116Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com