Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT22M100JCU2 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT22M100JCU2
Description  ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT22M100JCU2 Datasheet(HTML) 2 Page - Microsemi Corporation

  APT22M100JCU2 Datasheet HTML 1Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 2Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 3Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 4Page - Microsemi Corporation APT22M100JCU2 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APT22M100JCU2
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VDS =1000V
VGS = 0V
Tj = 125°C
500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 16A
400
480
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2.5mA
3
4
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V
±100
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
6800
Coss
Output Capacitance
700
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
92
pF
Qg
Total gate Charge
260
Qgs
Gate – Source Charge
46
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 500V
ID = 16A
125
nC
Td(on)
Turn-on Delay Time
39
Tr
Rise Time
35
Td(off)
Turn-off Delay Time
130
Tf
Fall Time
Resistive switching @ 25°C
VGS = 15V
VBus = 667V
ID = 16A
RG = 2.2Ω
33
ns
SiC chopper diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
32
200
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 175°C
56
1000
µA
IF
DC Forward Current
Tc = 100°C
10
A
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 10A
Tj = 175°C
2.3
3
V
QC
Total Capacitive Charge
IF = 10A, VR = 600V
di/dt =500A/µs
80
nC
f = 1MHz, VR = 200V
96
C
Total Capacitance
f = 1MHz, VR = 400V
69
pF
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
Mosfet
0.27
RthJC
Junction to Case Thermal Resistance
SiC Diode
1.65
RthJA
Junction to Ambient (IGBT & Diode)
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG
Storage Temperature Range
-40
150
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque
Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com