Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60AM24SCTG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTC60AM24SCTG
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60AM24SCTG Datasheet(HTML) 6 Page - Microsemi Corporation

  APTC60AM24SCTG Datasheet HTML 1Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 2Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 3Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 4Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 5Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 6Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APTC60AM24SCTG
www.microsemi.com
6 – 7
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
120
140
0
20 40 60 80 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
10
20
30
40
50
60
70
0
20
40
60
80 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
0
20 40 60 80 100 120 140 160
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
1
2
3
4
5
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=400V
ID=95A
TJ=125°C
L=100µH
hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
10 20 30 40 50 60 70 80 90
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=400V
D=50%
RG=2.5Ω
TJ=125°C
TC=75°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com