Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60AM24SCTG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTC60AM24SCTG
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60AM24SCTG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTC60AM24SCTG Datasheet HTML 1Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 2Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 3Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 4Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 5Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 6Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTC60AM24SCTG
www.microsemi.com
1 – 7
NTC2
OUT
VBUS
NTC1
0/VBU S
Q1
G1
Q2
S1
S2
G2
NTC2
S1
OUT
OUT
NTC1
VBUS
0/VBUS
G2
S2
G1
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
95
ID
Continuous Drain Current
Tc = 80°C
70
IDM
Pulsed Drain current
260
A
VGS
Gate - Source Voltage
±20
V
RDSon
Drain - Source ON Resistance
24
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
462
W
IAR
Avalanche current (repetitive and non repetitive)
15
A
EAR
Repetitive Avalanche Energy
3
EAS
Single Pulse Avalanche Energy
1900
mJ
Application
•
Motor control
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
Features
•
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
•
Parallel SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Phase leg
Series & SiC parallel diodes
Super Junction
MOSFET Power Module
VDSS = 600V
RDSon = 24mΩ max @ Tj = 25°C
ID = 95A @ Tc = 25°C


Similar Part No. - APTC60AM24SCTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60AM24T1G MICROSEMI-APTC60AM24T1G Datasheet
318Kb / 6P
Phase leg Super Junction MOSFET Power Module
More results

Similar Description - APTC60AM24SCTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60AM18SC ADPOW-APTC60AM18SC Datasheet
311Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM35SCT ADPOW-APTC60AM35SCT Datasheet
317Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A10SCT ADPOW-APTC80A10SCT Datasheet
312Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A15SCT ADPOW-APTC80A15SCT Datasheet
317Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80AM75SC ADPOW-APTC80AM75SC Datasheet
306Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM35SCTG MICROSEMI-APTC60AM35SCTG Datasheet
316Kb / 8P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A10SCTG MICROSEMI-APTC80A10SCTG Datasheet
310Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80AM75SCG MICROSEMI-APTC80AM75SCG Datasheet
300Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC90AM60SCTG MICROSEMI-APTC90AM60SCTG Datasheet
215Kb / 6P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com