Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60AM45T1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTC60AM45T1G
Description  Phase leg Super Junction MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60AM45T1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTC60AM45T1G Datasheet HTML 1Page - Microsemi Corporation APTC60AM45T1G Datasheet HTML 2Page - Microsemi Corporation APTC60AM45T1G Datasheet HTML 3Page - Microsemi Corporation APTC60AM45T1G Datasheet HTML 4Page - Microsemi Corporation APTC60AM45T1G Datasheet HTML 5Page - Microsemi Corporation APTC60AM45T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTC60AM45T1G
www.microsemi.com
1 – 6
1
8
7
Q1
Q2
56
3
4
11
NTC
12
9
10
2
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
49
ID
Continuous Drain Current
Tc = 80°C
38
IDM
Pulsed Drain current
130
A
VGS
Gate - Source Voltage
±20
V
RDSon
Drain - Source ON Resistance
45
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
250
W
IAR
Avalanche current (repetitive and non repetitive)
15
A
EAR
Repetitive Avalanche Energy
3
EAS
Single Pulse Avalanche Energy
1900
mJ
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
-
Very rugged
•
Very low stray inductance
-
Symmetrical design
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Phase leg
Super Junction MOSFET
Power Module
VDSS = 600V
RDSon = 45mΩ max @ Tj = 25°C
ID = 49A @ Tc = 25°C


Similar Part No. - APTC60AM45T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60AM18SC ADPOW-APTC60AM18SC Datasheet
311Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Inchange Semiconductor ...
APTC60AM18SCG ISC-APTC60AM18SCG Datasheet
387Kb / 4P
SiC MOSFET Power Module
logo
Microsemi Corporation
APTC60AM24SCTG MICROSEMI-APTC60AM24SCTG Datasheet
240Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC60AM24T1G MICROSEMI-APTC60AM24T1G Datasheet
318Kb / 6P
Phase leg Super Junction MOSFET Power Module
More results

Similar Description - APTC60AM45T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60TAM35P ADPOW-APTC60TAM35P Datasheet
334Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
APTC80TA15P ADPOW-APTC80TA15P Datasheet
332Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60TAM35PG MICROSEMI-APTC60TAM35PG Datasheet
308Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
APTC60AM24T1G MICROSEMI-APTC60AM24T1G Datasheet
318Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC60AM35T1G MICROSEMI-APTC60AM35T1G Datasheet
325Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC60AM70T1G MICROSEMI-APTC60AM70T1G Datasheet
327Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC60TAM24TPG MICROSEMI-APTC60TAM24TPG Datasheet
269Kb / 6P
Triple phase leg Super Junction MOSFET Power Module
APTC80A15T1G MICROSEMI-APTC80A15T1G Datasheet
326Kb / 6P
Phase leg Super Junction MOSFET Power Module
APTC90A12T1G MICROSEMI-APTC90A12T1G Datasheet
209Kb / 5P
Phase leg Super Junction MOSFET Power Module
APTC90AM60T1G MICROSEMI-APTC90AM60T1G Datasheet
205Kb / 5P
Phase leg Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com