Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 14Page - Texas Instruments ADS5400IPZP Datasheet HTML 15Page - Texas Instruments ADS5400IPZP Datasheet HTML 16Page - Texas Instruments ADS5400IPZP Datasheet HTML 17Page - Texas Instruments ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
Serial Register Map
Table 5 gives a summary of all the modes that can be programmed through the serial interface.
Table 5. Summary of Functions Supported by Serial Interface
REGISTER
ADDRESS
REGISTER FUNCTIONS
IN HEX
Address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
00
Analog Gain Adjustment bits<11:4>
3 or 4-pin
01
continued...Analog Gain Adjustment bits<3:0>
SPI Reset
0
0
SPI
Clock
Single or Dual
02
Coarse Clock Phase Adjustment bits<4:0>
0
Divider
Bus
Analog Offset
03
Fine Clock Phase Adjustment bits<5:0>
0
bit<8>
04
continued...Analog Offset Control bits<7:0>
Data
Stagger
05
Temp Sensor
Powerdown
1
Sync Mode
Reference
0
Format
Output
06
Data output mode
LVDS termination
LVDS current
Force LVDS outputs
07
0000 0000
08
Die temperature bits<7:0>
09
000 0000
Memory error
0A
0000 0000
0B-16
addresses not implemented, writes have no effect, reads return 0x00
17
DIE ID<7:0>
18
DIE ID<15:8>
19
DIE ID<23:16>
1A
DIE ID<31:24>
1B
DIE ID<39:32>
1C
DIE ID<47:40>
1D
DIE ID<55:48>
1E
DIE ID<63:56>
1F
Die revision indicator<7:0>
18
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com