Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments ADS5400IPZP Datasheet HTML 27Page - Texas Instruments ADS5400IPZP Datasheet HTML 28Page - Texas Instruments ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
ADC Output Code
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0
512
1024 1536 2048 2560 3072 3584 4096
AIN = −0.05 dBFS
fIN = 100.33 MHz
fS = 1 GSPS
G006
ADC Output Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024 1536 2048 2560 3072 3584 4096
AIN = −0.05 dBFS
fIN = 100.33 MHz
fS = 1 GSPS
G005
Input Amplitude − dBFS
−20
0
20
40
60
80
100
−90 −80 −70
−60 −50
−40 −30
−20 −10
0
fIN = 801.13 MHz
fS = 1 GSPS
16k FFT
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
G007
Input Amplitude − dBFS
0
20
40
60
80
100
120
−87
−77
−67
−57
−47
−37
−27
−17
−7
fS = 1 GSPS
fIN1 = 247.5 MHz
fIN2 = 252.5 MHz
G019
Worst Spur (dBFS)
Worst Spur (dBc)
2F1−F2 (dBFS)
2F2−F1 (dBFS)
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 12.
Figure 13.
AC PERFORMANCE
AC PERFORMANCE
vs
vs
INPUT AMPLITUDE
INPUT AMPLITUDE
(801.13-MHz INPUT SIGNAL)
(247.5-MHz AND 252.5-MHz TWO-TONE INPUT SIGNAL)
Figure 14.
Figure 15.
26
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com