Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4558FVM Datasheet(PDF) 31 Page - Rohm

Part # BA4558FVM
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVM Datasheet(HTML) 31 Page - Rohm

Back Button BA4558FVM Datasheet HTML 26Page - Rohm BA4558FVM Datasheet HTML 27Page - Rohm BA4558FVM Datasheet HTML 28Page - Rohm BA4558FVM Datasheet HTML 29Page - Rohm BA4558FVM Datasheet HTML 30Page - Rohm BA4558FVM Datasheet HTML 31Page - Rohm BA4558FVM Datasheet HTML 32Page - Rohm BA4558FVM Datasheet HTML 33Page - Rohm BA4558FVM Datasheet HTML 34Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
31/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
保護抵抗
VEE
VCC
VCC
VEE
同相入力電圧
範囲内の電位
●
Cautions on use
1) Processing of unused circuit
It is recommended to apply connection (see the Fig.234) and set the
noninverting input terminal at the potential within input common-mode
voltage range (Vicm), for any unused circuit.
2) Input voltage
Applying VEE+36[V](BA4550R,BA4560R,BA4580R family), VEE+14[V]
(BA2115 family) to the input terminal is possible without causing
deterioration of the electrical characteristics or destruction, irrespective
of the supply voltage. However, this does not ensure normal circuit
operation.
Please note that the circuit operates normally only when the input voltage
is within the common mode input voltage range of the electric characteristics.
3) Maximum output voltage
Because the output voltage range becomes narrow as the output current
Increases, design the application with margin by considering changes in
electrical characteristics and temperature characteristics.
4) Short-circuit of output terminal
When output terminal and VCC or VEE terminal are shorted, excessive
Output current may flow under some conditions, and heating may destroy
IC. It is necessary to connect a resistor as shown in Fig.2, thereby
Protecting against load shorting.
5) Power supply (split supply / single supply) in used
Op-amp operates when specified voltage is applied between VCC and
VEE. Therefore, the single supply Op-Amp can be used for double supply
Op-Amp as well.
6) Power dissipation (Pd)
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
7) Short-circuit between pins and wrong mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
8) Use in strong electromagnetic field
Using the ICs in strong electromagnetic field can cause operation malfunction.
9) Radiation
This IC is not designed to be radiation-resistant.
10) Handing of IC
When stress is applied to IC because of deflection or bend of board, the characteristics may fluctuate due to piezoelectric
(piezo) effect.
11) Inspection on set board
During testing, turn on or off the power before mounting or dismounting the board from the test Jig.
Do not power up the board without waiting for the output capacitors to discharge. The capacitors in the low output
impedanceterminal can stress the device. Pay attention to the electro static voltages during IC handling, transportation,
and storage.
12) Output capacitor
When VCC terminal is shorted to VEE (GND) potential and an electric charge has accumulated on the external capacitor,
connected to output terminal, accumulated charge may be discharged VCC terminal via the parasitic element within the
circuit or terminal protection element. The element in the circuit may be damaged (thermal destruction). When using this IC
for an application circuit where there is oscillation, output capacitor load does not occur, as when using this IC as a voltage
comparator. Set the capacitor connected to output terminal below 0.1[μF] in order to prevent damage to IC.
connect
to Vicm
protection
resistor
Fig. 234The example of
application circuit for unused op-amp
Fig. 235The example of
output short protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com