Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4558FVM Datasheet(PDF) 5 Page - Rohm

Part # BA4558FVM
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVM Datasheet(HTML) 5 Page - Rohm

  BA4558FVM Datasheet HTML 1Page - Rohm BA4558FVM Datasheet HTML 2Page - Rohm BA4558FVM Datasheet HTML 3Page - Rohm BA4558FVM Datasheet HTML 4Page - Rohm BA4558FVM Datasheet HTML 5Page - Rohm BA4558FVM Datasheet HTML 6Page - Rohm BA4558FVM Datasheet HTML 7Page - Rohm BA4558FVM Datasheet HTML 8Page - Rohm BA4558FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
5/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical characteristics
○
BA14741 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(*13)
Vio
25℃
-
1.0
5.0
mV
Rs≦10[kΩ]
Input Offset Current
(*13)
Iio
25℃
-
10
50
nA
-
Input Bias Current
(*14)
Ib
25℃
-
60
300
nA
-
Large Single Voltage Gain
Av
25℃
20
100
-
V/mV RL≧2[kΩ],Vo=±10[V]
Common-mode Rejection Ratio CMRR
25℃
80
100
-
dB
-
Input Common-mode
Voltage Range
Vicm
25℃
±12
±13.5
-
V
-
Power Supply Rejection Ratio
PSRR
25℃
80
100
-
dB
-
Supply Current
ICC
25℃
-
3.0
7.0
mA
RL=∞,on all OpAmp
Maximum
Output
Voltage
High
VOH
25℃
10
12.5
-
V
Vin+=1[V],Vin-=0[V],RL=2[kΩ]
Low
VOL
25℃
-10
-12.5
-
V
Vin+=0[V],Vin-=1[V],RL=2[kΩ]
Maximum
Output
Current
Source
IOH
25℃
10
20
-
mA
Vin+=1[V],Vin-=0[V],VO=0[V]
Sink
IOL
25℃
5
10
-
mA
Vin+=0[V],Vin-=1[V],VO=0[V]
Slew Rate
SR
25℃
-
1.0
-
V/μsAv=1,RL=2[kΩ]
Input Referred Noise Voltage
Vn
25℃
-
2.0
4.0
μVrms RIAA,Rs=2.2[kΩ],10[Hz]~30[kHz]
Channel Separation
CS
25℃
-
100
-
dB
f=1[kHz ] input referred
(*13)
Absolute value
(*14)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
●
Electrical characteristics
○
BA15532 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(*15)
Vio
25℃
-
0.5
4.0
mV
Rs=50[Ω],RL≧10[kΩ]
Input Offset Current
(*15)
Iio
25℃
-
10
150
nA
RL≧10[kΩ]
Input Bias Current
(*16)
Ib
25℃
-
200
800
nA
RL≧10[kΩ]
Large Single Voltage Gain
Av
25℃
80
94
-
dB
RL≧600[Ω],Vo=±10[V]
Common-mode
Rejection Ratio
CMRR
25℃
70
100
-
dB
RL≧10[kΩ]
Input Common-mode
Voltage Range
Vicm
25℃
±12
±13
-
V
RL≧10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
80
100
-
dB
Rs=50[Ω],RL≧10[kΩ]
Supply Current
Icc
25℃
-
8.0
16.0
mA
RL=∞,on all OpAmp
Maximum Output Voltage -1
VOH/
VOL
25℃
±12
±13
-
V
RL≧600[Ω]
Maximum Output Voltage -2
25℃
±15
±16
-
V
RL≧600[Ω]
VCC=18[V],VEE=-18[V]
Output Short Current
lOS
25℃
-
38
-
mA
(*17)
Slew Rate
SR
25℃
-
8.0
-
V/μs
Av=1,RL=600[Ω],CL=100[pF]
Gain Bandwidth Product
GBW
25℃
-
20
-
MHz
f=10[kHz],RL=600[Ω],CL=100[pF]
Input Referred Noise Voltage
Vn
25℃
-
0.7
1.5
μVrms RIAA,Rs=100[Ω],20[Hz]~30[kHz]
Channel Separation
CS
25℃
-
110
-
dB
RIAA Input referred
(*15 Absolute value
(*16) Current direction: Since first input stage is composed with NPN transistor, input bias current flows out of IC.
(*17) In the case of output pin shorting with VCC or VEE. But never over the maximum power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com