Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7654F Datasheet(PDF) 2 Page - Rohm

Part # BA7654F
Description  Single Circuit Video Signal Switcher
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7654F Datasheet(HTML) 2 Page - Rohm

  BA7654F Datasheet HTML 1Page - Rohm BA7654F Datasheet HTML 2Page - Rohm BA7654F Datasheet HTML 3Page - Rohm BA7654F Datasheet HTML 4Page - Rohm BA7654F Datasheet HTML 5Page - Rohm BA7654F Datasheet HTML 6Page - Rohm BA7654F Datasheet HTML 7Page - Rohm BA7654F Datasheet HTML 8Page - Rohm BA7654F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/8
Absolute maximum ratings
Ta=25
Parameter
Symbol
Limits
Unit
BA7654F
BA7653AF
BA7653AFV
BA7652AF
Supply voltage
VCC
9
V
Power dissipation
Pd
500*
1
500*
1
350*
2
500*
1
mW
Operating temperature
Topr
-25
+75
-30
+80
-30
+80
-30
+80
Storage temperature
Tstg
-55
+125
*
1 Reduce by 5.0mW/qC over 25qC, when mounted on a 50mm˜50mm PCB board.(BA7654F, BA7653AF, BA7652AF)
*
2 Reduce by 3.5mW/qC over 25qC, when mounted on a 50mm˜50mm PCB board.(BA7653AFV)
Operating range
Ta=25
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
4.0
7.0
V
Note: This IC is not designed to be radiation-resistant.
Electrical characteristics
Unless otherwise noted,
Ta=25
, Vcc=5.0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
ICC
2.7
5.0
8.2
mA
Maximum output level
Vom
2.6
3.1
VP-P
f=1kHz, THD=1.0
Voltage gain
GV
-0.5
0
+0.5
dB
f=1MHz, VIN=1.0VP-P
Inter channel crosstalk
Cta
-70
dB
f=4.43MHz, VIN=1.0VP-P
Frequency characteristics
Cf
-3.0
0
+1.0
dB
f=10MHz/1MHz, VIN=1.0VP-P
CTL switching voltage
VTH L
1.0
V
VTH =
Vcc-0.75
˜0.44
VTH H
2.5
Guaranteed design parameters (Unless otherwise noted,
Ta=25
, Vcc=5.0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Differential phase
DG
0
0.5
VIN=1.0VP-P, standard staircase signal
Differential gain
DP
0.5
1.0
deg
VIN=1.0VP-P, standard staircase signal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com