Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM60H23FT1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM60H23FT1G
Description  Full - Bridge MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM60H23FT1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM60H23FT1G Datasheet HTML 1Page - Microsemi Corporation APTM60H23FT1G Datasheet HTML 2Page - Microsemi Corporation APTM60H23FT1G Datasheet HTML 3Page - Microsemi Corporation APTM60H23FT1G Datasheet HTML 4Page - Microsemi Corporation APTM60H23FT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTM60H23FT1G
www.microsemi.com
1 – 5
79
1
4
NTC
11
810
12
3
6
Q1
Q2
5
Q4
Q3
2
Pins 3/4 must be shorted together
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
20
ID
Continuous Drain Current
Tc = 80°C
15
IDM
Pulsed Drain current
125
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
230
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
208
W
IAR
Avalanche current (repetitive and non repetitive)
17
A
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Power MOS 8™ FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
•
Very low stray inductance
-
Symmetrical design
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
Each leg can be easily paralleled to achieve a phase
leg of twice the current capability
•
RoHS Compliant
Full - Bridge
MOSFET Power Module
VDSS = 600V
RDSon = 190mΩ typ @ Tj = 25°C
ID = 20A @ Tc = 25°C


Similar Part No. - APTM60H23FT1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM60A11FT1G MICROSEMI-APTM60A11FT1G Datasheet
145Kb / 5P
Phase leg MOSFET Power Module
APTM60A23FT1G MICROSEMI-APTM60A23FT1G Datasheet
193Kb / 5P
Phase leg MOSFET Power Module
More results

Similar Description - APTM60H23FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM10HM05FG MICROSEMI-APTM10HM05FG Datasheet
281Kb / 6P
Full - Bridge MOSFET Power Module
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
Full - Bridge MOSFET Power Module
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H40FT3G MICROSEMI-APTM100H40FT3G Datasheet
183Kb / 5P
Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com