Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM100UM65SCAVG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTM100UM65SCAVG
Description  Single switch Series & SiC parallel diodes MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100UM65SCAVG Datasheet(HTML) 7 Page - Microsemi Corporation

  APTM100UM65SCAVG Datasheet HTML 1Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 2Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 3Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 4Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 5Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 6Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 7Page - Microsemi Corporation APTM100UM65SCAVG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
APTM100UM65SCAVG
www.microsemi.com
7 – 8
Delay Times vs Current
td(on)
td(off)
0
40
80
120
160
50
94
138
182
226
270
ID, Drain Current (A)
VDS=670V
RG=0.75Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
50
94
138
182
226
270
ID, Drain Current (A)
VDS=670V
RG=0.75Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
2
4
6
8
10
50
94
138
182
226
270
ID, Drain Current (A)
VDS=670V
RG=0.75Ω
TJ=125°C
L=100µH
Eon
Eoff
2
6
10
14
18
22
26
01
234567
8
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=670V
ID=145A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
50
100
150
200
250
300
15
35
55
75
95
115
135
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=670V
D=50%
RG=0.75Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com