Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5014 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N5014
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5014 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N5014 Datasheet HTML 1Page - Microsemi Corporation 2N5014 Datasheet HTML 2Page - Microsemi Corporation 2N5014 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/727
T4-LDS-0067 Rev. 1 (082021)
Page 3 of 3
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (Cont.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Base-Emitter Saturation Voltage
IC = 25mA
IC = 20mA
IB = 5mA, Pulsed
2N5010, 2N5011, 2N5012
2N5013, 2N5014, 2N5015
VBE(SAT)
1.0
1.0
Vdc
Vdc
Collector-Emitter Saturation Voltage
IC = 25mA
IC = 25mA
IC = 25mA
IC = 20mA
IC = 20mA
IC = 20mA
IB = 5mA, Pulsed
2N5010
2N5011
2N5012
2N5013
2N5014
2N5015
VCE(SAT)
1.4
1.5
1.6
1.6
1.6
1.8
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of small signal short-circuit forward current transfer ratio
VCE = 10Vdc, IC = 25mA, f = 10MHz
VCE = 10Vdc, IC = 20mA, f = 10MHz
2N5010, 2N5011, 2N5012
2N5013, 2N5014, 2N5015
|hfe|
1.0
1.0
Open circuit output capacitance
VCB = 10V, IE = 0, f = 2MHz
Cobo
30
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com