Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5014 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5014
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5014 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5014 Datasheet HTML 1Page - Microsemi Corporation 2N5014 Datasheet HTML 2Page - Microsemi Corporation 2N5014 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/727
T4-LDS-0067 Rev. 1 (082021)
Page 1 of 3
DEVICES
LEVELS
2N5010
2N5013
2N5010S
2N5013S
JAN
2N5011
2N5014
2N5011S
2N5014S
JANTX
2N5012
2N5015
2N5012S
2N5015S
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
2N5010
500
Vdc
2N5011
600
Vdc
2N5012
700
Vdc
2N5013
800
Vdc
2N5014
900
Vdc
2N5015
VCER
1000
Vdc
Collector-Base Voltage
2N5010
500
Vdc
2N5011
600
Vdc
2N5012
700
Vdc
2N5013
800
Vdc
2N5014
900
Vdc
2N5015
VCBO
1000
Vdc
Emitter-Base Voltage
VEBO
5
Vdc
Collector Current
IC
200
mAdc
Base Current
IB
20
mAdc
Total Power Dissipation
@ TA = +25°C
@ TC = +25° C
Pt
1.0
7.0
W
Thermal Resistance, Junction to Case
1/
RθJC
20
°C/W
Operating & Storage Junction Temperature Range
Tj, Tstg
-65 to +200
°C
Note:
1/ See 19500/727 for Thermal Derating Curves.
TO-5
2N5010 thru 2N5015
TO-39
2N5010S thru 2N5015S


Similar Part No. - 2N5014

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
SILICON EPITAXIAL NPN TRANSISTOR
logo
List of Unclassifed Man...
2N5014 ETC-2N5014 Datasheet
284Kb / 6P
0.5AMP HIGH VOLTAGE NPN TRANSISTOR 450 VOLTS
logo
Solid States Devices, I...
2N5014 SSDI-2N5014 Datasheet
74Kb / 2P
0.5 AMP 800 - 1000 Volts NPN Transistor
logo
Microsemi Corporation
2N5014 MICROSEMI-2N5014 Datasheet
60Kb / 4P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
36Kb / 1P
SILICON EPITAXIAL NPN TRANSISTOR
More results

Similar Description - 2N5014

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com