Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXT2012P5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXT2012P5
Description  60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2012P5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DXT2012P5 Datasheet HTML 1Page - Diodes Incorporated DXT2012P5 Datasheet HTML 2Page - Diodes Incorporated DXT2012P5 Datasheet HTML 3Page - Diodes Incorporated DXT2012P5 Datasheet HTML 4Page - Diodes Incorporated DXT2012P5 Datasheet HTML 5Page - Diodes Incorporated DXT2012P5 Datasheet HTML 6Page - Diodes Incorporated DXT2012P5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DXT2012P5
Document number: DS32070 Rev. 2 - 2
1 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT2012P5
PowerDI is a registered trademark of Diodes
A Product Line of
Diodes Incorporated
60V PNP MEDIUM POWER TRANSISTOR
PowerDI
®5
Features
•
43% smaller than SOT223; 60% smaller than TO252
•
Maximum height just 1.1mm
•
Rated up to 3.2W
•
VCEO = 60V
•
IC = -5.5A; ICM = 15A
•
Low Saturation voltage
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
Applications
•
Motor driver
•
Regulator circuit
Mechanical Data
•
Case: PowerDI
®5
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DXT2012P5-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Bottom View
Pin-out diagram
C
BE
Device Schematic
DXT2012 = Product Type Marking Code
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 09 for 2009)
WW = Week code 01 to 53
YYWWK
DXT2012


Similar Part No. - DXT2012P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
More results

Similar Description - DXT2012P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2014P5 DIODES-DXT2014P5 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32009 Rev. 2 - 2
DXT2013P5 DIODES-DXT2013P5 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32010 Rev. 2 - 2
DXT2010P5 DIODES-DXT2010P5 Datasheet
204Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
DS32011 Rev. 2 - 2
DXT2010P5 DIODES-DXT2010P5_15 Datasheet
204Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2014P5 DIODES-DXT2014P5_15 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
FMMT591Q DIODES-FMMT591Q_17 Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FZT951 DIODES-FZT951_17 Datasheet
537Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 6
ZXTP19060CFF DIODES-ZXTP19060CFF_16 Datasheet
432Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com