Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXT2012P5 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DXT2012P5
Description  60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2012P5 Datasheet(HTML) 2 Page - Diodes Incorporated

  DXT2012P5 Datasheet HTML 1Page - Diodes Incorporated DXT2012P5 Datasheet HTML 2Page - Diodes Incorporated DXT2012P5 Datasheet HTML 3Page - Diodes Incorporated DXT2012P5 Datasheet HTML 4Page - Diodes Incorporated DXT2012P5 Datasheet HTML 5Page - Diodes Incorporated DXT2012P5 Datasheet HTML 6Page - Diodes Incorporated DXT2012P5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DXT2012P5
Document number: DS32070 Rev. 2 - 2
2 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT2012P5
PowerDI is a registered trademark of Diodes
A Product Line of
Diodes Incorporated
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-5.5
A
Peak Pulse Current
ICM
-15
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @ TA = 25°C (Note 4)
PD
3.2
W
Thermal Resistance, Junction to Ambient Air (Note 4) @TA = 25°C
RθJA
39
°C/W
Power Dissipation @ TA = 25°C (Note 5)
PD
1.7
W
Thermal Resistance, Junction to Ambient Air (Note 5) @TA = 25°C
RθJA
75
°C/W
Power Dissipation @ TA = 25°C (Note 6)
PD
0.74
W
Thermal Resistance, Junction to Ambient Air (Note 6) @TA = 25°C
RθJA
169
°C/W
Thermal Resistance, Junction to Collector Terminal
RθJT
5.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. Device mounted on FR-4 PCB, single sided 2 oz. copper, collector pad dimensions 50mm x 50mm.
5. Device mounted on FR-4 PCB, single sided 1 oz. copper, collector pad dimensions 25mm x 25mm.
6. Device mounted on FR-4 PCB, 2 single sided 1oz. copper, minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com