Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1871ARMZ-0.3-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1871ARMZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.3-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1871ARMZ-0.3-R7 Datasheet HTML 22Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 23Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 24Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 25Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 26Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 27Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 28Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 29Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 26 of 44
EFFICIENCY CONSIDERATIONS
One of the important criteria to consider in constructing a dc-to-dc
converter is efficiency. By definition, efficiency is the ratio of the
output power to the input power. For high power applications at
load currents up to 20 A, the following are important MOSFET
parameters that aid in the selection process:
VGS (TH): the MOSFET support voltage applied between the
gate and the source
RDS (ON): the MOSFET on resistance during channel
conduction
QG: the total gate charge
CN1: the input capacitance of the upper-side switch
CN2: the input capacitance of the lower-side switch
The following are the losses experienced through the external
component during normal switching operation:
Channel conduction loss (both of the MOSFETs)
MOSFET driver loss
MOSFET switching loss
Body diode conduction loss (lower-side MOSFET)
Inductor loss (copper and core loss)
Channel Conduction Loss
During normal operation, the bulk of the loss in efficiency is due
to the power dissipated through MOSFET channel conduction.
Power loss through the upper-side MOSFET is directly pro-
portional to the duty cycle (D) for each switching period, and
the power loss through the lower-side MOSFET is directly
proportional to 1 − D for each switching period. The selection
of MOSFETs is governed by the amount of maximum dc load
current that the converter is expected to deliver. In particular,
the selection of the lower-side MOSFET is dictated by the
maximum load current because a typical high current application
employs duty cycles of less than 50%. Therefore, the lower-side
MOSFET is in the on state for most of the switching period.
()
[
] 2
1
LOAD
N2(ON)
N1(ON)
N1,N2(CL)
I
R
D
R
D
P
×
×
+
×
=
MOSFET Driver Loss
Other dissipative elements are the MOSFET drivers. The con-
tributing factors are the dc current flowing through the driver
during operation and the QGATE parameter of the external MOSFETs.
(
)
[
]
()
[]
BIAS
REG
lowerFET
SW
REG
BIAS
DR
upperFET
SW
DR
LOSS
DR
I
V
C
f
V
I
V
C
f
V
P
+
×
+
+
×
=
)
(
where:
CupperFET
is the input gate capacitance of the upper-side MOSFET.
ClowerFET
is the input gate capacitance of the lower-side MOSFET.
IBIAS
is the dc current flowing into the upper- and lower-side drivers.
VDR
is the driver bias voltage (that is, the low input voltage
(VREG) minus the rectifier drop (see Figure 81)).
VREG
is the bias voltage.
fSW
is the controller switching frequency (300 kHz, 600 kHz, and
1.0 MHz)
800
720
640
560
480
400
320
240
160
80
300
1000
900
800
700
600
500
400
SWITCHING FREQUENCY (kHz)
+125°C
+25°C
–40°C
VREG = 2.7V
VREG = 3.6V
VREG = 5.5V
Figure 81. Internal Rectifier Voltage Drop vs. Switching Frequency
Switching Loss
The SW node transitions due to the switching activities of the
upper- and lower-side MOSFETs. This causes removal and
replenishing of charge to and from the gate oxide layer of the
MOSFET, as well as to and from the parasitic capacitance
associated with the gate oxide edge overlap and the drain and
source terminals. The current that enters and exits these charge
paths presents additional loss during these transition times. This
loss can be approximately quantified by using the following
equation, which represents the time in which charge enters and
exits these capacitive regions:
tSW-TRANS
= RGATE × CTOTAL
where:
CTOTAL
is the CGD + CGS of the external MOSFET.
RGATE
is the gate input resistance of the external MOSFET.
The ratio of this time constant to the period of one switching cycle
is the multiplying factor to be used in the following expression:
2
-
)
(
×
×
×
=
IN
LOAD
SW
TRANS
SW
LOSS
SW
V
I
t
t
P
or
2
)
(
×
×
×
×
×
=
IN
LOAD
TOTAL
GATE
SW
LOSS
SW
V
I
C
R
f
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com