Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1871ARMZ-0.3-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP1871ARMZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.3-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP1871ARMZ-0.3-R7 Datasheet HTML 36Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 37Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 38Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 39Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 40Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 41Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 42Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 43Page - Analog Devices ADP1871ARMZ-0.3-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 40 of 44
300 kHz HIGH CURRENT APPLICATION CIRCUIT
MURATA: (HIGH VOLTAGE INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15L
SANYO OSCON:
270µF, 16SVPC270M, 14m
PANASONIC: (OUTPUT CAPACITORS)
270µF, SP-SERIES, 4V, 7m
Ω EEFUE0G271LR
INFINEON MOSFETs:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WÜRTH INDUCTORS:
0.72µH, 1.65m
Ω, 35A 744325072
R5
100k
Q3
Q4
Q1
Q2
HIGH VOLTAGE INPUT
VIN = 13V
C12
100nF
VOUT = 1.8V, 12A
C3
22µF
C4
22µF
C5
22µF
C6
N/A
C7
N/A
C8
N/A
C9
270µF
C23
270µF
+
C22
270µF
+
C21
270µF
+
C20
270µF
+
C27
N/A
C14 TO C19
N/A
+
C26
N/A
+
C25
N/A
+
C24
N/A
+
1.4µH
R6
2
C13
1.5nF
R1 30k
R2
15k
R4
0
VOUT
1
VIN
10
BST
2
COMP/EN
9
SW
3
FB
8
DRVH
4
GND
7
PGND
5
VREG
6
DRVL
ADP1870/
ADP1871
CC
528pF
CF
53pF
RC
43k
C1
1µF
C28
10µF
C2
0.1µF
JP3
Figure 93. Application Circuit for 13 V Input, 1.8 V Output, 12 A, 300 kHz (Q2/Q4 No Connect)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com