Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62619YFD Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62619YFD
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62619YFD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62619YFD Datasheet HTML 9Page - Texas Instruments TPS62619YFD Datasheet HTML 10Page - Texas Instruments TPS62619YFD Datasheet HTML 11Page - Texas Instruments TPS62619YFD Datasheet HTML 12Page - Texas Instruments TPS62619YFD Datasheet HTML 13Page - Texas Instruments TPS62619YFD Datasheet HTML 14Page - Texas Instruments TPS62619YFD Datasheet HTML 15Page - Texas Instruments TPS62619YFD Datasheet HTML 16Page - Texas Instruments TPS62619YFD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
t-Time-1µs/div
V =3.6V,V
=1.8V,
I
=40mA
I
O
O
t-Time-1µs/div
V =3.6V,
V
=1.8V,
I
=40mA
I
O
O
t-Time-20µs/div
MODE=Low
V =3.6V,
V
=1.8V,
I
=0mA
I
O
O
0
5
10
15
20
25
30
35
40
45
50
55
60
0.1
1
10
100
1000
10000
f-Frequency-kHz
V =3.6V,
V
=1.8V
I
O
I
=150mA
O
PFM/PWMOperation
TPS62619, TPS62612
TPS62615, TPS62616
www.ti.com
SLVS936A – NOVEMBER 2009 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
MODE CHANGE RESPONSE
MODE CHANGE RESPONSE
Figure 29.
Figure 30.
POWER SUPPLY REJECTION RATIO
vs
START-UP
FREQUENCY
Figure 31.
Figure 32.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS62619 TPS62612 TPS62615 TPS62616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com