Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62619YFD Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS62619YFD
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62619YFD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62619YFD Datasheet HTML 17Page - Texas Instruments TPS62619YFD Datasheet HTML 18Page - Texas Instruments TPS62619YFD Datasheet HTML 19Page - Texas Instruments TPS62619YFD Datasheet HTML 20Page - Texas Instruments TPS62619YFD Datasheet HTML 21Page - Texas Instruments TPS62619YFD Datasheet HTML 22Page - Texas Instruments TPS62619YFD Datasheet HTML 23Page - Texas Instruments TPS62619YFD Datasheet HTML 24Page - Texas Instruments TPS62619YFD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
VIN
SW
FB
MODE
EN
GND
VOUT(DC/DC) =2.3V
C
2.2 F
I
m
TPS62616
L
1 H
m
C
4.7 F
O
m
VIN
2.9V..5.5V
IN
OUT
BIAS
EN
GND
TPS72018
C
4.7 F
O
m
VOUT(LDO) =1.8V@350mA
L =muRataLQM21PN1R0MC0
C =muRataGRM155R60J225ME15
C =muRataGRM155R60J475M
I
O
1 F
m
100
30
35
40
45
50
55
60
65
70
75
80
85
90
1
10
100
1000
I
-LoadCurrent-mA
O
V
=2.3V,
V
=1.8V
OUT(DC/DC)
OUT(LDO)
V =3.3V
I
V =3.6V
I
V =4.2V
I
L =muRataLQM21PN1R0MC0
0
Span= 1MHz
10
13 m
12 m
11 m
10 m
9 m
8 m
7 m
6 m
5 m
4 m
3 m
2 m
1 m
f-Frequency-MHz
V
=3.6V
IN
V
=1.8V
R =100
OUT(LDO)
L
TPS62619, TPS62612
TPS62615, TPS62616
www.ti.com
SLVS936A – NOVEMBER 2009 – REVISED MARCH 2010
APPLICATION CIRCUITS
The following are example circuits.
Figure 37. 1.8V Power Rail Featuring Very Low Noise Performance
EFFICIENCY
SPURIOUS OUTPUT NOISE (PFM MODE)
vs
vs.
LOAD CURRENT
FREQUENCY
Figure 38.
Figure 39.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS62619 TPS62612 TPS62615 TPS62616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com