Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2331 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
7
WR
Output
hi - Z
Input
hi - Z
Output
OEB
tDZ
t
OEW
tWRP
tWOE
tDH
tDS
tDEN
DIO[9:0]
Note: All timing measurements are based on 50% of edge transition
Figure 1 Write Timing
Sample 1
Sample 5
Sample 4
Sample 3
Sample 2
tCLK
tCL
tCH
Digital Output
tD
Pipeline Delay
Sample 1
Sample 2
Note: All timing measurements are based on 50% of edge transition
CLK
Analogue Input
at AIN
Figure 2 Output Timing
Test Conditions:
AVDD = DVDD = 3.0V, fCLK = 30MHz, 50% duty cycle, MODE = AVDD, REFTS = 2.5V, REFBS = 0.5V, PGA gain = 1.0,
TA = TMIN to TMAX, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clock
Clock period
tCLK
33
ns
Clock high time
tCH
15
16.5
ns
Clock low time
tCL
15
16.5
ns
Timing
Pipeline delay
3
CLK cycles
Clock to data valid
tD
25
ns
Output disable to hi-Z output
tDZ
020
ns
Output enable to data valid
tDEN
020
ns
Output disable to write enable
tOEW
12
ns
Write disable to output enable
tWOE
12
ns
Write pulse width
tWRP
15
ns
Input data setup time
tDS
5ns
Input data hold time
tDH
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com