Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2331 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 21Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 22Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 23Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 24Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
22
DRIVING REFTF AND REFBF (FULL EXTERNAL REFERENCE MODE)
680R
AVDD
AGND
AVDD
AGND
REFTF
REFBF
To REFBS
(for Kelvin
connection)
To REFTS
(for Kelvin
connection)
Figure 26 Equivalent Circuit of REFTF and REFBF Inputs
DESIGNING THE DC CLAMP
Figure 16 (in Device Description) shows the basic operation of the clamp circuit with the analog input
AIN coupled via an RC circuit. The clamp voltage output level may be established by an analog
voltage on the CLAMPIN pin or by programming the on-chip clamp DAC.
INITIAL CLAMP ACQUISITION TIME
Initial acquisition time is defined as the time required to reach the target clamp voltage at AIN when
the clamp switch SW1 is closed for the first time (clamp re-acquisition during normal operation is
discussed in Steady-state Clamp Voltage Error, below). This time is given by


×
×
=
E
C
IN
IN
ACQ
V
V
R
C
T
ln
where Vc is the difference between the DC level of the input VIN and the target clamp output voltage,
VClamp. VE is the difference between the ideal Vc and the actual Vc obtained during the acquisition
time. The maximum tolerable error depends on the application requirements.
For example, consider clamping an incoming video signal that has a black level near 0.3V to a black
level of 1.3V at the WM2331 input. The voltage VC required across the input coupling capacitor is
thus 1.3 - 0.3 = 1V. If a 10mV or less clamp voltage error VE will give acceptable system operation,
the source resistance Rin is 20
ΩÃhqÇurÃp‚ˆƒyvtÃphƒhpv‡‚…Ã8vÃv†Ã AÇurÃ‡urǂ‡hyÃpyh€ƒÃƒˆy†r
duration required to reach this error is:
TACQ = 1
µF × 20Ω × ln(1/0.01) = 92µs (approx.)
Note that during continuous operation, the clamping time would typically be much shorter, as the
voltage difference wolud be smaller (depending on droop, see next section.
Initial acquisition can be performed in two ways:
•
Pulsing the CLAMP pin as in normal operation. Provided that clamp droop (see below)
is negligible, initial acquisition is complete when the total clamped (CLAMP = HIGH)
time equals TACQ.
•
Pulling the CLAMP pin high for the required acquisition time before starting normal
operation. This method is faster.
CLAMP DROOP
The charging currents drawn by the Sample-and-Hold switched capacitor input can charge or
discharge CIN, causing the DC voltage at AIN to drift towards VM (the average of REFTS and REFBS)
during the time between clamp pulses. This effect is called clamp droop.
Voltage droop is a function of the AIN input current to the WM2331, IIN, and the time between clamp
intervals, tD:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com