Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2614 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2614
Description  Quad 12-bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2614 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2614 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Production Data Rev 1.0
WM2614
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
7
TYPICAL PERFORMANCE GRAPHS
5V = VDD, V REF = 2.048V, Speed = Fast mode, Load = 10k/100pF
-3
-2
-1
0
1
2
3
0
512
1024
1536
2048
2559
3071
3583
4095
DIGITAL CODE
Figure 2 Integral Non-Linearity
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
6
7
8
9
10
ISINK - mA
Slow
Fast
AVDD = DVDD = 3V, V
REF = 1V, Input Code = 0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
6
7
8
9
10
ISINK - mA
Slow
Fast
AVDD = DVDD = 5V, VREF = 2V, Input Code = 0
Figure Sink 3 Current AVDD = DVDD = 3V
Figure 4 Sink Current AVDD = DVDD = 5V
2.035
2.04
2.045
2.05
2.055
2.06
0
1
2
3
4
5
6
7
8
9
10
ISOURCE - mA
Slow
Fast
AVDD = DVDD = 3V, VREF = 1V, Input Code
= 4095
4.07
4.075
4.08
4.085
4.09
4.095
4.1
0
1
2
3
4
5
6
7
8
9
10
ISOURCE - mA
Slow
Fast
AVDD =DVDD = 5V, VREF = 2V, Input Code = 4095
Figure 5 Source Current AVDD = DVDD = 3V
Figure 6 Source Current AVDD = DVDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com