Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2614 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2614
Description  Quad 12-bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2614 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2614 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2614 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
WM2614
Quad 12-bit Serial Input Voltage Output DAC
Production Data, June 1999, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ terms and conditions.
2614Mastera.doc June 18, 1999 14:36
©1999 Wolfson Microelectronics Ltd
.
FEATURES
•
Quad 12-bit DAC voltage output DAC
•
Dual 2.7V to 5.5V supply (separate digital and analogue
supplies)
•
DNL
±±0.4 LSB, INL ±±1.5 LSB
•
Low power consumption:
-
5.5mW, slow mode
−− 5V supply
-
3.3mW, slow mode
−− 3V supply
•
TMS320, (Q)SPI
™
™, and Microwire™
™ compatible serial
interface
•
Programmable settling time of 4
µµs or 12µµs typical
APPLICATIONS
•
Battery powered test instruments
•
Digital offset and gain adjustment
•
Battery operated/remote industrial controls
•
Machine and motion control devices
•
Wireless telephone and communication systems
•
Speech synthesis
•
Arbitrary waveform generation
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2614CDT
0° to 70°C
16-pin TSSOP
WM2614IDT
-40° to 85 °C
16-pin TSSOP
DESCRIPTION
The WM2614 is a quadruple 12-bit voltage output, resistor string,
digital-to-analogue converter. Each DAC can be individually
powered down under software control. A hardware controlled mode
is provided that powers down all DACs. Power down reduces
current consumption to 10nA.
The device has been designed to interface efficiently to industry
standard microprocessors and DSPs, including the TMS320
family. The WM2614 is programmed with a 16-bit serial word
comprising of a DAC address, individual DAC control bits and a
12-bit value.
The WM2614 has provision for two supplies: one supply for the
serial interface (DVDD, DGND) and one for the DACs, reference
buffers and output buffers (AVDD, AGND). This enables a typical
application
where
the
device
can
be
controlled
via
a
microprocessor operating on a 3V supply, with the DACs operating
on a 5V supply. Alternatively, the supplies can be tied together in a
single supply application.
Excellent performance is delivered with a typical DNL of 0.4 LSBs.
The settling time of the DAC is programmable to allow the designer
to optimize speed versus power dissipation. The output stage is
buffered by a x2 gain near rail-to-rail amplifier, which features a
Class AB output stage. DACs A and B can have a different
reference voltage to DACs C and D.
The device is available in a 16-pin TSSOP package.
Commercial
temperature
(0
° to 70°C) and Industrial
temperature (-40
° to 85°C) variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
(11) OUTD
(12) OUTC
(13) OUTB
(14) OUTA
14-BIT
DATA AND
CONTROL
HOLDING
LATCH
12-BIT
DAC
LATCH
16-BIT
SHIFT
REGISTER
AND
CONTROL
LOGIC
REFINAB (15)
POWER-ON
RESET
DIN (4)
FS (7)
SCLK (5)
NCS (6)
(9)
AGND
(8)
DGND
(3)
NLDAC
(2)
NPD
AVDD
(16)
DVDD
(1)
X2
DAC A
DAC C
DAC D
POWERDOWN/
SPEED
CONTROL
WM2614
2-BIT
CONTROL
LATCH
REFINCD (10)
DAC B
X1
DAC
OUTPUT
BUFFER
data
REFERENCE
INPUT BUFFER
AVDD = DVDD = 5V, V
REF = 2.048V, Speed = Fast mode, Load = 10k/100pF
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2559
3071
3583
4095
DIGITAL CODE


Similar Part No. - WM2614

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610CDT WOLFSON-WM2610CDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610IDT WOLFSON-WM2610IDT Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613CDT WOLFSON-WM2613CDT Datasheet
136Kb / 11P
Byte-wide Parallel Input, 12-bit Voltage Output DAC
More results

Similar Description - WM2614

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
Quad 10-Bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
Dual 12-Bit Serial Input Voltage Output DAC
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Texas Instruments
DAC7614 TI1-DAC7614_09 Datasheet
503Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com