Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2116A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX2116A
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2116A Datasheet(HTML) 4 Page - Microsemi Corporation

  NX2116A Datasheet HTML 1Page - Microsemi Corporation NX2116A Datasheet HTML 2Page - Microsemi Corporation NX2116A Datasheet HTML 3Page - Microsemi Corporation NX2116A Datasheet HTML 4Page - Microsemi Corporation NX2116A Datasheet HTML 5Page - Microsemi Corporation NX2116A Datasheet HTML 6Page - Microsemi Corporation NX2116A Datasheet HTML 7Page - Microsemi Corporation NX2116A Datasheet HTML 8Page - Microsemi Corporation NX2116A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
4
Rev. 3.0
03/14/06
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
Power supply voltage. A high freq 1uF ceramic capacitor is placed as close as possible to
and connected to this pin and ground pin. The maximum rating of this pin is 5V.
This pin supplies voltage to high side FET driver. A high freq 0.1uF ceramic capacitor is
placed as close as possible to and connected to these pins and respected SW pins.
Ground pin.
This pin is the error amplifier inverting input. It is connected via resistor divider to the
output of the switching regulator to set the output DC voltage. When FB pin voltage is
lower than 0.6V, hiccup circuit starts to recycle the soft start circuit after 2048 switching
cycles.
This pin is connected to the drain of the external low side MOSFET via resistor and is the
input of the over current protection(OCP) comparator. An internal current source 40uA is
flown to the external resistor which sets the OCP voltage across the Rdson of the low side
MOSFET. Current limit point is this voltage divided by the Rds-on. Once this threshold is
reached the Hdrv and Ldrv pins are latched out.
This pin is connected to source of high side FET and provides return path for the high side
driver. It is also used to hold the low side driver low until this pin is brought low by the
action of high side turning off. LDRV can only go high if SW is below 1V threshold .
High side gate driver output.
Low side gate driver output.
An open drain output that requires a pull up resistor to Vcc or a voltage lower than Vcc.
When FB pin reaches 90% of the reference voltage PGOOD transitions from LO to HI
state.
A resistor divider is connected from the respective switcher BUS voltages to these pins
that holds off the controller's soft start until this threshold is reached. An external low cost
Transistor can be connected to this pin for external enable control.
This pin is the output of error amplifier and is used to compensate the voltage control
feedback loop. This pin can also be used to perform a shutdown if pulled lower than 0.3V.
VCC
BST
GND
FB
OCP
SW
HDRV
LDRV
PGOOD
EN
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com