Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX2116A Datasheet(PDF) 14 Page - Microsemi Corporation

Part # NX2116A
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2116A Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button NX2116A Datasheet HTML 6Page - Microsemi Corporation NX2116A Datasheet HTML 7Page - Microsemi Corporation NX2116A Datasheet HTML 8Page - Microsemi Corporation NX2116A Datasheet HTML 9Page - Microsemi Corporation NX2116A Datasheet HTML 10Page - Microsemi Corporation NX2116A Datasheet HTML 11Page - Microsemi Corporation NX2116A Datasheet HTML 12Page - Microsemi Corporation NX2116A Datasheet HTML 13Page - Microsemi Corporation NX2116A Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
14
Rev. 3.0
03/14/06
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
Start to place the power components, make all the
connection in the top layer with wide, copper filled ar-
eas. The inductor, output capacitor and the MOSFET
should be close to each other as possible. This helps to
reduce the EMI radiated by the power traces due to the
high switching currents through them. Place input ca-
pacitor directly to the drain of the high-side MOSFET, to
reduce the ESR replace the single input capacitor with
two parallel units. The feedback part of the system should
be kept away from the inductor and other noise sources,
and be placed close to the IC. In multilayer PCB use
one layer as power ground plane and have a control cir-
cuit ground (analog ground), to which all signals are ref-
erenced.
The goal is to localize the high current path to a
separate loop that does not interfere with the more sen-
sitive analog control function. These two grounds must
be connected together on the PC board layout at a single
point.
OCP
comparator
OCP
40uA
OCP
I
OCP
R
SW
Figure 10 - Over current protection
vbus
The over current limit can be set by the following
equation
×
=
×
OCP
OCP
SET
DSON
IR
I
KR
If MOSFET R
DSON=6.5mΩ, the worst case thermal
consideration K=1.5 and the current limit is set at 15A,
then
××
×
×Ω
=
=
=Ω
SET
DSON
OCP
OCP
I
KR
15A 1.5 6.5m
R
3.656k
I
40uA
Choose R
OCP=3.7kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com