Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2639 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2639
Description  12-Bit Parallel Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2639 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Production Data
WM2639
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
9
SOFTWARE CONFIGURATION OPTIONS
DATA FORMAT
The WM2639 writes data either to the DAC holding latch or to the control register depending on the state
of input pin REG.
REG
(PIN 15)
DATA DESTINATION
0
DAC holding latch
1
Control register
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
REF1
REF0
X
PWR
SPD
Table 1 Register Bits
PROGRAMMABLE SETTLING TIME
Settling time is a software selectable 3.5
µs or 1µs, typical to within ±0.5LSB of final value. This is
controlled by the value of SPD – Bit D0. A ONE defines a settling time of 1
µs, a ZERO (default) defines a
settling time of 3.5
µs.
PROGRAMMABLE POWER DOWN
The power down function can be controlled by PWR. A ZERO configures the device as active, or fully
powered up, a ONE configures the device into power down mode. When the power down function is
released the device reverts to the DAC code set prior to power down.
PROGRAMMABLE INTERNAL REFERENCE
The reference can be sourced internally or externally under software control. If an external reference
voltage is applied to the REF pin, the device must be configured to accept this.
If an external reference is selected, the reference voltage input is buffered which makes the DAC input
resistance independent of code. The REF pin has an input resistance of 10M
Ω and an input capacitance
of typically 55pF. The reference voltage determines the DAC full-scale output.
If an internal reference is selected, a voltage of 1.024V or 2.048 is available. The internal reference can
source up to 1mA and can therefore be used as an external system reference.
REF1
REF0
REFERENCE
0
0
External (default)
0
1
1.024V
1
0
2.048V
1
1
External
Table 2 Programmable Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com