Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2639 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2639
Description  12-Bit Parallel Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2639 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Production Data
WM2639
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltages, VDD to GND
7V
Reference input voltage
-0.3V
VDD + 0.3V
Digital input voltage range to GND
-0.3V
VDD + 0.3V
Operating temperature range, TA
WM2639CDT
WM2639IDT
0
°C
-40
°C
70
°C
85
°C
Storage temperature
-65
°C
150
°C
Lead temperature 1.6mm (1/16 inch) soldering for 10 seconds
260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDD
2.7
5.5
V
High-level digital input voltage
VIH
VDD = 2.7V to 5.5V
2
V
Low-level digital input voltage
VIL
VDD = 2.7V to 5.5V
0.8
V
Reference voltage to REF
VREF
See Note
VDD - 1.5
V
Load resistance
RL
2
k
Ω
Load capacitance
CL
100
pF
WM2639CDT
0
70
°C
Operating free-air temperature
TA
WM2639IDT
-40
85
°C
Note: Reference voltages greater than VDD/2 will cause output saturation for large DAC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com