Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5615CP Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM5615CP
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615CP Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM5615CP Datasheet HTML 1Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 2Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 3Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Wolfson Microelectronics
4
WM5615
Output voltage high
VOH
IO = -2mA
VDD-1
V
Output voltage low
VOL
IO = 2mA
0.4
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDD
4.5
5
5.5
V
VDD = 5.5V,
no load. Vref = 0V
150
250
µA
Power supply current
IDD
All inputs = 0V or VDD
VDD = 5.5V,
no load. Vref = 2.048V
230
350
µA
All inputs = 0V or VDD
High level digital input voltage
VIH
2.4
V
Low level digital input voltage
VIL
0.8
V
High level digital input current
IIH
VI = VDD
±1
µA
Low level digital input current
IIL
VI = 0V
±1
µA
Input capacitance
CI
8pF
Digital Output (DOUT)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
VI
0VDD-2
V
Input resistance
10
M
Ω
Input capacitance
CI
5pF
Digital Inputs (DIN, SCLK, CS)
Electrical Characteristics (continued)
VDD = 5.0V ±5%, Vref = 2.048V unless otherwise stated.
Reference Input (REFIN)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com