Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5615CP Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM5615CP
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615CP Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM5615CP Datasheet HTML 1Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 2Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 3Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615CP Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Lutton Court, Bernard Terrace, Edinburgh EH8 9NX. UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
email: admin@wolfson.co.uk
www: http://www.wolfson.co.uk
Production Data
January 1997 Rev 2
10-Bit Digital-to-Analogue Converter
Description
The WM5615 is a 10-bit voltage output digital-to-
analogue converter (DAC) with a buffered reference input
(high impedance). The DAC produces a maximum output
voltage that is twice the reference voltage and the DAC is
monotonic. The device is simple to use, running from a
single supply of 5V. A power-on reset function is
incorporated to ensure repeatable start-up conditions.
Digital control of the WM5615 is over a 3-wire serial bus
that is CMOS compatible and easily interfaced to industry
standard microprocessor and microcontroller devices. The
device receives a 16-bit data word to produce the
analogue output. The digital inputs feature Schmitt
triggers for high noise immunity. Digital communication
protocols include the SPITM, QSPITM and MicrowireTM stand-
ards.
The 8-terminal small-outline D package allows digital
control of analogue functions in space-critical applications.
The WM5615C is characterised for operation from 0oC to
70oC. The WM5615I is for operation from -40oC to 85oC.
Features
•
10-bit CMOS voltage output DAC in an
8-terminal package
•
5V single supply operation
•
3-wire serial interface
•
High-impedance reference input
•
Maximum voltage output
twice reference
input voltage
•
Internal power-on reset
•
Low power consumption ... 1.75mW max
•
877kHz update rate
•
Setting time to 0.5 LSB ... 12.5
µµµµµs typical
•
Monotonic over temperature
•
Pin compatible with the Maxim MAX515
Applications
•
Battery-powered test Instruments
•
Digital offset and gain adjustment
•
Battery-operated/remote industrial controls
•
Machine and motion control devices
•
Cellular telephones
Wolfson Microelectronics
© 1996 Wolfson Microelectronics
VDD
16-BIT SHIFT REGISTER
CS
SCLK
DIN
DOUT
(LSB)
2
Xs
4
DUMMY
BITS
(MSB)
CONTROL
LOGIC
POWER-ON
RESET
RESISTOR
STRING
DAC
VOUT
10-BIT DAC REGISTER
Block Diagram
R
R
WM5615
5
SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of
National Semiconductor Corp.
+
-
Production Data data sheets contain
final
specifications current on publication date.
Supply of products conforms to Wolfson Mi-
croelectronics standard terms and conditions.
AGND
+
-
REFIN


Similar Part No. - WM5615CP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5620 WOLFSON-WM5620 Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620CD WOLFSON-WM5620CD Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620CN WOLFSON-WM5620CN Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620ID WOLFSON-WM5620ID Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5620IN WOLFSON-WM5620IN Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
More results

Similar Description - WM5615CP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
List of Unclassifed Man...
IC3410 ETC1-IC3410 Datasheet
196Kb / 6P
10-bit digital to analogue converter IC 3410
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
Frequency To Analogue Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com