Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5628L Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM5628L
Description  3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5628L Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM5628L Datasheet HTML 3Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 4Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 5Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 6Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 7Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 8Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 9Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 10Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
WM5628L, WM5628
Wolfson Microelectronics
7
Typical Performance Characteristics (continued)
Inte gra l Nonline a rity
VDD = 5 V, Vref = 1.25 V, Ra nge x 2, TA = 25o C
-0.2
0
0.2
0.4
0
32
64
96
128
160
192
224
256
Inp utCod e
Tota l Una d justed Error
VDD = 5 V, Vref = 1.25 V, Ra nge x 2, TA = 25oC
-0.5
-0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
256
Inpu t Code
Diffe re ntia l Nonlinea rity
VDD = 3 V, V re f = 1.25 V , Ra n g e x 2, TA = 25oC
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Inpu t Code
Integral Nonlinearity
VDD = 3 V, Vref = 1.25 V, Rang e x 2, TA = 25oC
-0.5
-0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
256
Inp ut Code
Total Unadjusted Error
VDD = 3 V, Vref = 1.25 V, Rang e x 2, TA = 25o C
-0.5
-0.25
0
0.25
0.5
0
32
64
96
128
160
192
224
256
Inp utCod e
Typical DNL, INL and TUE at VDD = 3 V
Typical DNL, INL and TUE * at VDD = 5 V (continued)
Output Source Current
vs Output Voltage
0
1
2
3
4
5
6
7
8
012345
V
out (V)
VDD = 5 V
TA= 25
O C
Vref = 2 V
Range = x 2
Input c ode = 255
Supply Current vs
Temperature
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
Temperature ('C)
Ran ge = x 2
Input C ode = 255
VDD = 5V
Vref = 2V
VDD + 3V
Vref = 1.25V
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com