Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5628L Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM5628L
Description  3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5628L Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM5628L Datasheet HTML 1Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 2Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 3Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 4Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 5Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 6Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 7Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 8Page - Wolfson Microelectronics plc WM5628L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
WM5628L, WM5628
Wolfson Microelectronics
3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
Supply current
IDD
Outputs unloaded,
4.0
mA
digital inputs = 0 V or VDD
Static Accuracy
Resolution
8
Bits
Monotonicity
8
Bits
Differential Nonlinearity
DNL
VREF = 2 V, Range x 2. (note 3)
± 0.1
± 0.9
LSB
Integral Nonlinearity
INL
VREF = 2 V, Range x 2. (note 4)
± 1.0
LSB
Zero-code error
ZCE
VREF = 2 V, Range x 2. (note 5)
30
mV
Zero-code error
Input code = 00 Hex (note 6)
10
µV/OC
temperature coefficient
Zero-code error supply
Input code = 00 Hex,
0.5
mV/V
rejection
VDD = 5 V ± 5 % (note 7)
Full scale error
FSE
VREF = 2 V, Range x 2. (note 8)
± 60
mV
Full scale error
Input code = FF Hex (note 9)
± 25
µV/OC
temperature coefficient
Full scale error supply
Input code = FF Hex,
0.5
mV/V
rejection
VDD = 5 V ± 5 % (note 10)
Output sink current
IO(SINK)
Each DAC output
20
µA
Output source current
IO(SOURCE)
2mA
Absolute Maximum Ratings (note 1)
Supply Voltage (VDD - VGND) . . . . . . . . . . . .
+7V
Digital Inputs . . . . . . . . . . .GND - 0.3 V, VDD + 0.3 V
Reference inputs . . . . . . .
GND - 0.3 V, VDD + 0.3 V
Operating temperature range, TA . . . . . . TMIN to TMAX
WM5628_C_ . . . . . . . . . . . . . .
0oC to +70oC
WM5628_I_ . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature . . . . . . . . . .
-50oC to +150oC
Lead Temperature 1.6mm (1/16 inch)
from case for 10 secs . . .
. . . . . . . . . .
260OC
Recommended Operating Conditions
SYMBOL
MIN
NOMINAL
MAX
UNIT
Supply voltage WM5628
VDD
4.75
5.25
V
Supply Voltage WM5628L
VDD
2.7
5.25
V
Reference input range, X1 gain
VREF
3.3
VDD - 1.5
V
DAC output load resistance to GND
RL
10
k
Ω
High level digital input voltage
VIH
0.8 VDD
V
Low level digital input voltage
VIL
0.8
V
Clock frequency
FCLK
1
MHz
Electrical Characteristics: WM5628
VDD = 5 V, GND = 0 V, VREF = 2 V, RL = 10 k
Ω, CL = 100 pF, TA = full range, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com