Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5620 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM5620
Description  3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5620 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM5620 Datasheet HTML 3Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 4Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 5Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 6Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 7Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 8Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 9Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 10Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Wolfson Microelectronics
7
WM5620L, WM5620
Large Signal Fre que ncy
Re sponse
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1
10
100
1000
Frequency (kHz)
V DD = 5 V
TA = 25
OC
V ref = 1.25 Vdc + 2 V pp
Input Code = 255
Positive Rise and Settling Time VDD = 5 V
Positive Rise and Settling Time VDD = 3 V
Fall time = 4.25
µs, Negative slew rate = 0.46 µs
Settling time = 8.5
µs
Fall time = 5.0
µs, Negative slew rate = 0.63 µs
Settling time = 9.5
µs
Rise time = 2.05
µs, Positive slew rate = 0.96 µs
Settling time = 4.5
µs
Rise time = 2.4
µs, Positive slew rate = 1.0 µs
Settling time = 5.8
µs
500 mV/Vert. div
2
µs/Hor. div
500 mV/Vert. div
5
µs/Hor. div
1 V/Vert. div
2
µs/Hor. div
VDD = 3 V
TA = 25OC
code 00 to FF Hex
Range = x 2
Vref = 1.25 V
1 V/Vert. div
5
µs/Hor. div
Negative Fall and Settling Time VDD = 3 V
Negative Fall and Settling Time VDD = 5 V
VDD = 3 V
TA = 25OC
code FF to 00 Hex
Range = x 2
Vref = 1.25 V
VDD = 5 V
TA = 25OC
code 00 to FF Hex
Range = x 2
Vref = 2 V
VDD = 5 V
TA = 25OC
code FF to 00 Hex
Range = x 2
Vref = 2 V
Typical Performance Characteristics (Continued)
Small Signal Frequency
Response
-60
-50
-40
-30
-20
-10
0
10
1
10
100
1000
10000
Freq uency (kHz)
V DD= 5 V
TA= 25OC
V ref = 2 V dc + 0.5 V pp
Input code = 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com