Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5620 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM5620
Description  3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5620 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM5620 Datasheet HTML 1Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 2Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 3Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 4Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 5Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 6Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 7Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 8Page - Wolfson Microelectronics plc WM5620 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Lutton Court, Bernard Terrace, Edinburgh EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
email: admin@wolfson.co.uk
www: http://www.wolfson.co.uk
Description
WM5620L and WM5620 are quad 8-bit digital to analogue
converters (DAC) controlled via a serial interface. Each
DAC's output voltage range isprogrammable for either x1
or x 2 its reference input voltage, allowing near rail to rail
operation for the x 2 output range. Separate high
impedance buffered voltage reference inputs are provided
for each DAC. WM5620L operates on a single supply
voltage of 3 V while WM5620 operates on 5 V.
WM5620/L interfaces to all popular microcontrollers and
microprocessors via a three wire serial interface with CMOS
compatible, schmitt trigger, digital inputs. An 11 bit
command word comprises 2 DAC select bits, an output
range selection bit and 8-bits of data.
Individual or all DAC outputs are changed using WM5620/
L's double buffered DAC registers and the separate LOAD
and LDAC inputs. DAC outputs
are updated
simultaneously by writing a complete set of new values
and then pulsing the LDAC input.
The DAC outputs are optimised for single supply
operation and driving ground referenced loads.
An internal power-on-reset function sets the DAC's input
codes to zero at power up.
Ideal in space critical applications WM5620/L is available
in small outline and DIP packages for commercial (0oC to
70oC) and industrial (-40oC to 85oC) temperature ranges.
•
Four 8-bit voltage output DAC's
•
Three wire serial interface
•
Programmable x1 or x 2 output range.
•
Power-on-reset sets outputs to zero
•
Buffered voltage reference inputs
•
Simultaneous DAC output update
•
14 pin SO or DIP package
Key Specifications
•
Single supply operation:
WM5620L
: 3 V
WM5620
: 5 V
•
0 to 4 V output (x 2 output range) at 5 V VDD
•
0 to 2.5 V output (x 2 output range) at 3 V VDD
•
Low power: 5.1 mW at 3 V, 10 mW at 5 V max.
•
Guaranteed monotonic output
Applications
•
Programmable d.c. voltage sources
•
Digitally controlled attenuator/amplifier
•
Signal synthesis
•
Mobile communications
•
Automatic test equipment
•
Process control
3 & 5V Quad 8-Bit Voltage Output DAC
with Serial Interface
Features
Wolfson Microelectronics
Production Data
Sept. 1996 Rev 2
© 1996 Wolfson Microelectronics
WM5620L, WM5620
Production Data data sheets contain
final specifications current on publication
date. Supply of products conforms to
Wolfson Microelectronics standard terms
and conditions
DAC
DAC
DAC
DAC
Latch
Latch
Latch
Latch
Latch
Latch
Latch
Latch
x 2
x 2
x 2
x 2
Serial Interface
Power-on-Reset
9
9
9
9
8
8
8
8
Ref A
2
3
4
Ref B
Ref C
5
Ref D
Clk
Data
Load
7
6
8
DACA
12
11
DACB
10
DACC
DACD
9
VDD
14
13
LDAC
GND
1
Block Diagram


Similar Part No. - WM5620

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5621L WOLFSON-WM5621L Datasheet
513Kb / 14P
Low-power Quadruple 8-Bit DAC
WM5621LED WOLFSON-WM5621LED Datasheet
513Kb / 14P
Low-power Quadruple 8-Bit DAC
WM5621LEN WOLFSON-WM5621LEN Datasheet
513Kb / 14P
Low-power Quadruple 8-Bit DAC
WM5628CDW WOLFSON-WM5628CDW Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
WM5628CN WOLFSON-WM5628CN Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
More results

Similar Description - WM5620

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX500 MAXIM-MAX500 Datasheet
127Kb / 12P
CMOS, Quad, Serial-Interface 8-Bit DAC
Rev 2; 2/96
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com