Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8720 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DACwith Volume Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Production Data
WM8720
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 November 2000
11
SOFTWARE CONTROL INTERFACE
The WM8720 can be controlled using a 3-wire serial interface. MD/DM (pin 6) is used for the program
data, MC/IWL (pin 5) is used to clock in the program data and ML/I2S (pin 4) is use to latch in the
program data. The 3-wire interface protocol is shown in Figure 7.
ML/I2S
MC/IWL
MD/DM
D15
D6
D7
D8
D9
D10
D11
D12
D13
D14
D1
D2
D3
D4
D5
D0
Figure 7 3-Wire Serial Interface
REGISTER MAP
WM8720 controls the special functions using 4 program registers, which are 16-bits long. These
registers are all loaded through input pin MD/DM. After the 16 data bits are clocked in, ML/I2S/IWL is
used to latch in the data to the appropriate register. Table 7 shows the complete mapping of the
4 registers.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
M0
--
----
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
M1
-----
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
M2
-----
A1
A0
PL3
PL2
PL1
PL0
IW1
IW0
OPE
DE
MU
M3
-----
A1
A0
IZD
SF1
SF0
---
ATC
LRP
I
2S
Table 7 Mapping of Program Registers
REGISTER NAME
BIT NAME
DEFAULT
DESCRIPTION
Register 0 (M0)
A[1:0] = 00
AL[7:0]
LDL
1111 1111
0
DAC attenuation data for left channel
Attenuation data load control for left channel
Register 1 (M1)
A[1:0] = 01
AR[7:0]
LDR
1111 1111
0
DAC attenuation data for right channel
Attenuation data load control for right channel
Register 2 (M2)
A[1:0] = 10
MU
DE
OPE
IW[1:0]
PL[3:0]
0
0
0
00
1001
Left and right DACs soft mute control
De-emphasis control
Left and right DACs operation control
Input audio word resolution
DAC output control
Register 3 (M3)
A[1:0] = 11
I
2S
LRP
ATC
SF[1:0]
IZD
0
0
0
00
0
Audio data format select
Polarity of LRCIN (pin 7) select
Attenuator control
Sampling rate select
Infinite zero detection circuit control and automute control
Table 8 Internal Register Mapping
DAC OUTPUT ATTENUATION
Register 0 (A[1:0] = 00) is used to control left channel attenuation. Bits 0-7 (AL[7:0]) are used to
determine the attenuation level Table 9. The level of attenuation is given by:
Attenuation = [20.log10 (Attenuation_Data/256)] dB ...................................................................................................Eqn. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com