Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8720 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DACwith Volume Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 15Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
WM8720
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 November 2000
14
RECOMMENDED EXTERNAL COMPONENTS
NOTES:
1. AGND and DGND should be connected as close to the WM8720 as possible.
2. C
2, C3 and C7 should be positioned as close to the WM8720 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
4
DVDD
DGND
ML/I2S
AVDD
13
CAP
C
8
C
7
AGND
19
20
Software I/F or
Hardware Control Pins
AGND
C
3
C
4
C
2
DVDD
C
1
5
MC/IWL
6
MD/DM
VOUTR
12
C
5
VOUTL
C
6
AC-Coupled
Output to
External LPF
18
MODE
9
17
MUTE
2
SCKI
15
DIN
16
LRCIN
Audio Serial Data I/F
DGND
AGND
7
RSTB
14
BCKIN
10
11
8
ZERO
AVDD
AVDD
R1
3
TEST
1
PWDN
+
+
+
+
+
Figure 8 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C4
10
µF
C2 and C3
0.1
µF
C5 and C6
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C7
0.1
µF
C8
10
µF
Reference de-coupling capacitors for CAP pin.
R1
10k
Ω
Resistor to AVDD for open drain output operation.
Table 13 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com